Electronic Components Datasheet Search
  English  ▼

X  

C505C Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # C505C
Description  8-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C505C Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button C505C Datasheet HTML 2Page - Infineon Technologies AG C505C Datasheet HTML 3Page - Infineon Technologies AG C505C Datasheet HTML 4Page - Infineon Technologies AG C505C Datasheet HTML 5Page - Infineon Technologies AG C505C Datasheet HTML 6Page - Infineon Technologies AG C505C Datasheet HTML 7Page - Infineon Technologies AG C505C Datasheet HTML 8Page - Infineon Technologies AG C505C Datasheet HTML 9Page - Infineon Technologies AG C505C Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
C505/C505C/C505A/C505CA
Data Sheet
2
12.00
Features (continued) :
• 32 + 2 digital I/O lines
– Four 8-bit digital I/O ports
– One 2-bit digital I/O port (port 4)
– Port 1 with mixed analog/digital I/O capability
• Three 16-bit timers/counters
– Timer 0 / 1 (C501 compatible)
– Timer 2 with 4 channels for 16-bit capture/compare operation
• Full duplex serial interface with programmable baudrate generator (USART)
• Full CAN Module, version 2.0 B compliant (C505C and C505CA only)
– 256 register/data bytes located in external data memory area
– 1 MBaud CAN baudrate when operating frequency is equal to or above 8 MHz
– internal CAN clock prescaler when input frequency is over 10 MHz
• On-chip A/D Converter
– up to 8 analog inputs
– C505/C505C
: 8-bit resolution
– C505A/C505CA: 10-bit resolution
• Twelve interrupt sources with four priority levels
• On-chip emulation support logic (Enhanced Hooks Technology TM)
• Programmable 15-bit watchdog timer
• Oscillator watchdog
• Fast power on reset
• Power Saving Modes
– Slow-down mode
– Idle mode (can be combined with slow-down mode)
– Software power-down mode with wake up capability through P3.2/INT0 or P4.1/RXDC pin
• P-MQFP-44 package
• Pin configuration is compatible to C501, C504, C511/C513-family
• Temperature ranges:
SAB-C505 versions
TA = 0 to 70 °C
SAF-C505 versions
TA = -40 to 85°C
SAH-C505 versions
TA = -40 to 110°C
SAK-C505 versions
TA = -40 to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com