Electronic Components Datasheet Search
  English  ▼

X  

C505C Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # C505C
Description  8-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C505C Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button C505C Datasheet HTML 19Page - Infineon Technologies AG C505C Datasheet HTML 20Page - Infineon Technologies AG C505C Datasheet HTML 21Page - Infineon Technologies AG C505C Datasheet HTML 22Page - Infineon Technologies AG C505C Datasheet HTML 23Page - Infineon Technologies AG C505C Datasheet HTML 24Page - Infineon Technologies AG C505C Datasheet HTML 25Page - Infineon Technologies AG C505C Datasheet HTML 26Page - Infineon Technologies AG C505C Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
C505/C505C/C505A/C505CA
Data Sheet
19
12.00
Table 3
Special Function Registers - Functional Blocks
Block
Symbol
Name
Address
Contents after
Reset
CPU
ACC
B
DPH
DPL
DPSEL
PSW
SP
SYSCON2)
VR0 4)
VR1 4)
VR2 4)
Accumulator
B-Register
Data Pointer, High Byte
Data Pointer, Low Byte
Data Pointer Select Register
Program Status Word Register
Stack Pointer
System Control Register
Version Register 0
Version Register 1
Version Register 2
E0H
1)
F0H
1)
83H
82H
92H
D0H
1)
81H
B1H
FCH
FDH
FEH
00H
00H
00H
00H
XXXXX000B
3)
00H
07H
XX100X01B
3) 6)
XX100001B
3) 7)
C5H
05H
5)
A/D-
Converter
ADCON0 2)
ADCON1
ADDAT
ADST
ADDATH
ADDATL
P1ANA 2) 4)
A/D Converter Control Register 0
A/D Converter Control Register 1
A/D Converter Data Reg. (C505/C505C)
A/D Converter Start Reg. (C505/C505C)
A/D Converter High Byte Data Register
(C505A/C505CA)
A/D Converter Low Byte Data Register
(C505A/C505CA)
Port 1 Analog Input Selection Register
D8H
1)
DCH
D9H
DAH
D9H
DAH
90H
00X00000B
3)
01XXX000B
3)
00H
XXH
3)
00H
00XXXXXXB
3)
FFH
Interrupt
System
IEN0 2)
IEN1 2)
IP0 2)
IP1
TCON 2)
T2CON 2)
SCON 2)
IRCON
Interrupt Enable Register 0
Interrupt Enable Register 1
Interrupt Priority Register 0
Interrupt Priority Register 1
Timer Control Register
Timer 2 Control Register
Serial Channel Control Register
Interrupt Request Control Register
A8H
1)
B8H
1)
A9H
B9H
88H
1)
C8H
1)
98H
1)
C0H
1)
00H
00H
00H
XX000000B
3)
00H
00X00000B
00H
00H
XRAM
XPAGE
SYSCON2)
Page Address Register for Extended on-chip
XRAM and CAN Controller
System Control Register
91H
B1H
00H
XX100X01B
3) 6)
XX100001B
3) 7)
1) Bit-addressable special function registers
2) This special function register is listed repeatedly since some bits of it also belong to other functional blocks.
3) “X“ means that the value is undefined and the location is reserved
4) This SFR is a mapped SFR. For accessing this SFR, bit RMAP in SFR SYSCON must be set.
5) The content of this SFR varies with the actual step of the C505 (eg. 01H for the first step)
6) C505 / C505A/C505C only
7) C505CA only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com