Electronic Components Datasheet Search
  English  ▼

X  

C868 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # C868
Description  8-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C868 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button C868 Datasheet HTML 2Page - Infineon Technologies AG C868 Datasheet HTML 3Page - Infineon Technologies AG C868 Datasheet HTML 4Page - Infineon Technologies AG C868 Datasheet HTML 5Page - Infineon Technologies AG C868 Datasheet HTML 6Page - Infineon Technologies AG C868 Datasheet HTML 7Page - Infineon Technologies AG C868 Datasheet HTML 8Page - Infineon Technologies AG C868 Datasheet HTML 9Page - Infineon Technologies AG C868 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
C868
Data Sheet
6
V 1.0, 2003-05
• One 8-bit and one 5 bits general purpose push-pull I/O ports
– Enhanced sink current of 10 mA on Port 1/3 (total max current of 43 mA @ 100oC)
• Three 16-bit timers/counters
–Timer 0 / 1 (C501 compatible)
–Timer 2 (up/down counter feature)
–Timer 1 or 2 can be used for serial baudrate generator
• Capture/compare unit for PWM signal generation
–3-channel, 16-bit capture/compare unit
–1-channel, 16-bit compare unit
• Full duplex serial interface (UART)
• 5 channel 8-bit A/D Converter
– Start of conversion can be synchronized to capture/compare timer 12/13.
• 13 interrupt vectors with four priority levels
• Programmable 16-bit Watchdog Timer
• Brown out detection
• Power Saving Modes
–Slow-down mode
–Idle mode (can be combined with slow-down mode)
–Power-down mode with wake up capability through INT0 or RxD pins.
• Single power supply of 3.3V, internal voltage regulator for core voltage of 2.5V.
• P-DSO-28-1, P-TSSOP-38-1 packages
• Temperature ranges:
SAF-C868-1RR BA, SAF-C868-1SR BA, SAF-C868-1RG BA, SAF-C868-1SG BA,
SAF-C868A-1RR BA, SAF-C868A-1SR BA, SAF-C868A-1RG BA, SAF-C868A-1SG
BA, SAF-C868P-1SR BA, SAF-C868P-1SG BA TA = – 40 to 85
oC
SAK-C868-1RR BA, SAK-C868-1SR BA, SAK-C868-1RG BA, SAK-C868-1SG BA,
SAK-C868A-1RR BA, SAK-C868A-1SR BA, SAK-C868A-1RG BA, SAK-C868A-1SG
BA, SAK-C868P-1SR BA, SAK-C868P-1SG BA TA = – 40 to 125
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com