Electronic Components Datasheet Search
  English  ▼

X  

C868 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # C868
Description  8-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C868 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button C868 Datasheet HTML 9Page - Infineon Technologies AG C868 Datasheet HTML 10Page - Infineon Technologies AG C868 Datasheet HTML 11Page - Infineon Technologies AG C868 Datasheet HTML 12Page - Infineon Technologies AG C868 Datasheet HTML 13Page - Infineon Technologies AG C868 Datasheet HTML 14Page - Infineon Technologies AG C868 Datasheet HTML 15Page - Infineon Technologies AG C868 Datasheet HTML 16Page - Infineon Technologies AG C868 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
C868
Data Sheet
13
V 1.0, 2003-05
CPU
The C868 is efficient both as a controller and as an arithmetic processor. It has extensive
facilities for binary and BCD arithmetic and excels in its bit-handling capabilities. Efficient
use of program memory results from an instruction set consisting of 44% one-byte, 41%
two-byte, and 15% three-byte instructions. With a 10.67 MHz external crystal (giving a
40MHz CPU clock), 58% of the instructions execute in 300 ns.
PSW
Program Status Word Register
[Reset value: 00H]
D7H
D6H
D5H
D4H
D3H
D2H
D1H
D0H
CY
AC
F0
RS1
RS0
OV
F1
P
rwh
rwh
rw
rw
rw
rwh
rw
rwh
Field
Bits
Typ Description
P
0rwh Parity Flag
Set/cleared by hardware after each instruction to
indicate an odd/even number of "one" bits in the
accumulator, i.e. even parity.
F1
1rw
General Purpose Flag
OV
2rwh Overflow Flag
Used by arithmetic instructions.
RS0
RS1
3
4
rw
Register Bank select control bits
These bits are used to select one of the four register
banks.
F0
5rw
General Purpose Flag
AC
6rwh Auxiliary Carry Flag
Used by instructions which execute BCD operations.
CY
7rwh Carry Flag
Used by arithmetic instructions.
Table 2 :
RS1 RS0 Function
0
0
Bank 0 selected, data address 00H-07H
0
1
Bank 1 selected, data address 08H-0FH
1
0
Bank 2 selected, data address 10H-17H
1
1
Bank 3 selected, data address 18H-1FH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com