Electronic Components Datasheet Search
  English  ▼

X  

C868 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # C868
Description  8-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C868 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button C868 Datasheet HTML 18Page - Infineon Technologies AG C868 Datasheet HTML 19Page - Infineon Technologies AG C868 Datasheet HTML 20Page - Infineon Technologies AG C868 Datasheet HTML 21Page - Infineon Technologies AG C868 Datasheet HTML 22Page - Infineon Technologies AG C868 Datasheet HTML 23Page - Infineon Technologies AG C868 Datasheet HTML 24Page - Infineon Technologies AG C868 Datasheet HTML 25Page - Infineon Technologies AG C868 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
C868
Data Sheet
22
V 1.0, 2003-05
The PLL output frequency is determined by:
[1]
The range for the VCO frequency is given by:
100 MHz
≤ f
VCO ≤ 160 MHz
[2]
The relationship between the input frequency and VCO frequency is given by:
[3]
This gives the range for the input frequency which is given by:
6.67 MHz
≤ f
OSC ≤ 10.67 MHz
[4]
Table 5
Output Frequencies
fPLL Derived from Various Output Factors
K-Factor
fPLL
Duty
Cycle [%]
Jitter
Selected
Factor
KDIV
fVCO =
100 MHz
fVCO =
160 MHz
2
000B
50
80
50
linear depending on fVCO
at fVCO =100MHz: +/-300ps
at fVCO =160MHz: +/-250ps
additional jitter for odd Kdiv
factors tbd.
4
010B
25
40
50
51)
1)
These odd factors should not be used (not tested because off the unsymmetrical duty cycle).
2)
Shaded combinations should not be used because they are above the maximum CPU frequency of 40MHz.
011B
20
32
40
6
100B
16.67
26.67
50
8
101B
12.5
20
50
91)
110B
11.11
17.78
44
10
111B
10
16
50
16
001B
6.25
10
50
fPLL = fVCO / K =
× f
OSC
15
K
fVCO =15 × fOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com