Electronic Components Datasheet Search
  English  ▼

X  

C868 Datasheet(PDF) 63 Page - Infineon Technologies AG

Part # C868
Description  8-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C868 Datasheet(HTML) 63 Page - Infineon Technologies AG

Back Button C868 Datasheet HTML 59Page - Infineon Technologies AG C868 Datasheet HTML 60Page - Infineon Technologies AG C868 Datasheet HTML 61Page - Infineon Technologies AG C868 Datasheet HTML 62Page - Infineon Technologies AG C868 Datasheet HTML 63Page - Infineon Technologies AG C868 Datasheet HTML 64Page - Infineon Technologies AG C868 Datasheet HTML 65Page - Infineon Technologies AG C868 Datasheet HTML 66Page - Infineon Technologies AG C868 Datasheet HTML 67Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
C868
Data Sheet
63
V 1.0, 2003-05
Fail Save Mechanisms
The C868 offers enhanced fail save mechanisms, which allow an automatic recovery
from software upset or hardware failure :
a programmable watchdog timer (WDT), with variable time-out period from 12.8
µs to
819.2
µs at f
SYS = 40 MHz.
Programmable Watchdog Timer
To protect the system against software failure, the user’s program has to clear this
watchdog within a previously programmed time period. lf the software fails to do this
periodical refresh of the watchdog timer, an internal reset will be initiated. The software
can be designed so that the watchdog times out if the program does not work properly.
lt also times out if a software error is based on hardware-related problems.
The watchdog timer in the C868 is a 16-bit timer, which is incremented by a count rate
of f
SYS/2 upto fSYS/128. The machine clock of the C868 is divided by a prescaler, a divide-
by-two or a divide-by-128 prescaler. The upper 8 bits of the Watchdog Timer can be
preset to a user-programmable value via a watchdog service access in order to vary the
watchdog expire time. The lower 8 bits are reset on each service access. Figure 29
shows the block diagram of the watchdog timer unit.
Figure 29
Block Diagram of the Programmable Watchdog Timer
After a reset, the Watchdog Timer is automatically enabled. If it is disabled, it cannot be
enabled again during active mode of the device.
If the software fails to clear the
watchdog timer an internal reset will be initiated. The reset cause (external reset or reset
caused by the watchdog) can be examined by software (status flag WDTR in SCUWDT
is set). A refresh of the watchdog timer is done by setting bits WDTRE and WDTRS (in
WDT High Byte
WDTRST
WDTREL
DISWDT
WDTIN
MUX
1:2
WDT Low Byte
WDT
Control
Clear
1:128
f
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com