Electronic Components Datasheet Search
  English  ▼

X  

CLX32 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # CLX32
Description  HiRel X-Band GaAs Power-MESFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CLX32 Datasheet(HTML) 4 Page - Infineon Technologies AG

  CLX32 Datasheet HTML 1Page - Infineon Technologies AG CLX32 Datasheet HTML 2Page - Infineon Technologies AG CLX32 Datasheet HTML 3Page - Infineon Technologies AG CLX32 Datasheet HTML 4Page - Infineon Technologies AG CLX32 Datasheet HTML 5Page - Infineon Technologies AG CLX32 Datasheet HTML 6Page - Infineon Technologies AG CLX32 Datasheet HTML 7Page - Infineon Technologies AG CLX32 Datasheet HTML 8Page - Infineon Technologies AG CLX32 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CLX32
Semiconductor Group
4 of 10
Draft D, September 99
Electrical Characteristics (continued)
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Linear power gain
1)
VDS = 8 V, ID = 400 mA, f = 2.3 GHz,
Pin = 8 dBm
Glp
dB
CLX32-00
15.0
16.0
-
CLX32-05
15.5
16.5
-
CLX32-10
15.5
16.5
-
Power output at 1dB gain compr.
1)
VDS = 8 V, ID(RF off) = 400 mA, f = 2.3 GHz
P1dB
dBm
CLX32-00
-
31.5
-
CLX32-05
-
32.3
-
CLX32-10
-
32.8
-
Output Power
1)
VDS = 8 V, ID(RF off) = 400 mA, f = 2.3 GHz,
Pin = 18.0 dBm
Pout
dBm
CLX32-00
31.0
31.5
-
CLX32-05
32.0
32.3
-
CLX32-10
32.5
32.8
-
Power added efficiency
1), 2)
VDS = 8 V, ID(RF off) = 400 mA, f = 2.3 GHz,
Pin = 18.0 dBm
PAE
%
CLX32-00
43
48
-
CLX32-05
46
52
-
CLX32-10
48
54
-
Notes.:
1) RF Power characteristics given for power matching conditions
2) Power added efficiency: PAE = (PRFout - PRFin) / PDC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com