Electronic Components Datasheet Search
  English  ▼

X  

CLX32 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # CLX32
Description  HiRel X-Band GaAs Power-MESFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CLX32 Datasheet(HTML) 6 Page - Infineon Technologies AG

  CLX32 Datasheet HTML 1Page - Infineon Technologies AG CLX32 Datasheet HTML 2Page - Infineon Technologies AG CLX32 Datasheet HTML 3Page - Infineon Technologies AG CLX32 Datasheet HTML 4Page - Infineon Technologies AG CLX32 Datasheet HTML 5Page - Infineon Technologies AG CLX32 Datasheet HTML 6Page - Infineon Technologies AG CLX32 Datasheet HTML 7Page - Infineon Technologies AG CLX32 Datasheet HTML 8Page - Infineon Technologies AG CLX32 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CLX32
Semiconductor Group
6 of 10
Draft D, September 99
Typical Common Source S-Parameters (continued)
VDS = 5 V, ID = 400 mA, Zo = 50
Ω
f
|S11|
<S11
|S21|
<S21
|S12|
<S12
|S22|
<S22
k-Fact.
S21/S12
MAG
[GHz]
[mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[dB]
[dB]
0,6
0,830
-110
7,697
123
0,0238
36
0,591
-178
0,62
25,1
0,8
0,856
-131
6,353
108
0,0270
29
0,608
179
0,57
23,7
1,0
0,877
-145
5,237
98
0,0289
24
0,622
176
0,55
22,6
1,2
0,887
-155
4,397
90
0,0299
21
0,631
173
0,59
21,7
1,4
0,892
-163
3,767
83
0,0303
18
0,639
170
0,64
20,9
1,6
0,894
-170
3,288
78
0,0306
17
0,644
167
0,70
20,3
1,8
0,896
-175
2,913
73
0,0309
15
0,648
165
0,76
19,7
2,0
0,897
-180
2,611
68
0,0311
14
0,652
163
0,83
19,2
2,2
0,897
176
2,364
64
0,0314
13
0,656
161
0,89
18,8
2,4
0,897
172
2,163
60
0,0319
13
0,659
159
0,95
18,3
2,6
0,897
169
1,992
56
0,0325
12
0,662
157
1,01
17,9
17,3
2,8
0,897
166
1,852
52
0,0331
12
0,665
156
1,06
17,5
16,0
3,0
0,897
162
1,729
49
0,0336
12
0,667
154
1,11
17,1
15,1
3,2
0,896
159
1,640
46
0,0341
11
0,670
152
1,15
16,8
14,4
3,4
0,896
156
1,562
43
0,0347
11
0,672
151
1,19
16,5
13,9
3,6
0,896
154
1,476
40
0,0354
11
0,675
149
1,23
16,2
13,3
3,8
0,896
152
1,412
37
0,0362
11
0,677
148
1,25
15,9
12,9
4,0
0,896
150
1,339
34
0,0372
10
0,681
146
1,27
15,6
12,4
4,2
0,897
147
1,280
31
0,0379
10
0,683
145
1,30
15,3
12,0
4,4
0,897
145
1,227
28
0,0390
10
0,685
144
1,30
15,0
11,7
4,6
0,897
143
1,169
25
0,0398
9
0,688
142
1,34
14,7
11,2
4,8
0,897
141
1,120
22
0,0409
9
0,690
140
1,34
14,4
10,9
5,0
0,896
139
1,069
19
0,0421
9
0,693
139
1,36
14,0
10,5
5,5
0,897
135
0,963
12
0,0450
8
0,699
135
1,38
13,3
9,6
6,0
0,897
130
0,882
5
0,0482
7
0,704
132
1,39
12,6
8,9
6,5
0,896
126
0,813
-2
0,0521
5
0,709
128
1,38
11,9
8,2
7,0
0,895
121
0,758
-9
0,0568
3
0,713
124
1,37
11,3
7,6
7,5
0,893
116
0,712
-16
0,0617
1
0,716
120
1,35
10,6
7,1
8,0
0,890
111
0,672
-23
0,0669
-3
0,719
115
1,34
10,0
6,5
8,5
0,888
105
0,636
-30
0,0720
-6
0,722
110
1,33
9,5
6,0
9,0
0,888
100
0,603
-37
0,0769
-10
0,728
105
1,31
8,9
5,6
9,5
0,888
94
0,573
-44
0,0820
-14
0,737
99
1,27
8,4
5,3
10,0
0,890
88
0,545
-50
0,0877
-18
0,747
94
1,22
7,9
5,1
10,5
0,891
83
0,520
-57
0,0929
-22
0,759
89
1,16
7,5
5,1
11,0
0,892
78
0,496
-63
0,0990
-26
0,769
84
1,10
7,0
5,0
11,5
0,891
73
0,477
-69
0,1056
-30
0,777
80
1,06
6,5
5,1
12,0
0,889
68
0,461
-74
0,1127
-34
0,781
76
1,03
6,1
5,1
12,5
0,884
63
0,449
-79
0,1217
-38
0,783
72
1,01
5,7
5,1
13,0
0,876
58
0,441
-84
0,1316
-42
0,783
68
1,01
5,3
4,7
13,5
0,867
53
0,436
-89
0,1429
-47
0,781
64
1,01
4,8
4,3
14,0
0,857
48
0,436
-95
0,1563
-52
0,778
60
1,00
4,5
14,5
0,846
42
0,438
-100
0,1708
-57
0,772
55
0,99
4,1
15,0
0,830
36
0,440
-105
0,1882
-63
0,763
50
1,01
3,7
3,1
15,5
0,816
30
0,452
-110
0,2071
-68
0,750
45
1,01
3,4
2,8
16,0
0,799
23
0,466
-116
0,2305
-74
0,736
40
1,00
3,1
2,7
16,5
0,785
15
0,484
-121
0,2558
-80
0,719
34
1,00
2,8
17,0
0,772
9
0,504
-126
0,2821
-86
0,704
29
0,97
2,5
17,5
0,761
3
0,524
-131
0,3084
-91
0,691
25
0,94
2,3
18,0
0,752
-2
0,542
-135
0,3311
-95
0,680
21
0,92
2,1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com