Electronic Components Datasheet Search
  English  ▼

X  

CLX32 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # CLX32
Description  HiRel X-Band GaAs Power-MESFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CLX32 Datasheet(HTML) 7 Page - Infineon Technologies AG

  CLX32 Datasheet HTML 1Page - Infineon Technologies AG CLX32 Datasheet HTML 2Page - Infineon Technologies AG CLX32 Datasheet HTML 3Page - Infineon Technologies AG CLX32 Datasheet HTML 4Page - Infineon Technologies AG CLX32 Datasheet HTML 5Page - Infineon Technologies AG CLX32 Datasheet HTML 6Page - Infineon Technologies AG CLX32 Datasheet HTML 7Page - Infineon Technologies AG CLX32 Datasheet HTML 8Page - Infineon Technologies AG CLX32 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CLX32
Semiconductor Group
7 of 10
Draft D, September 99
Typical Common Source S-Parameters (continued)
VDS = 8 V, ID = 400 mA, Zo = 50
Ω
f
|S11|
<S11
|S21|
<S21
|S12|
<S12
|S22|
<S22
k-Fact.
S21/S12
MAG
[GHz]
[mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[dB]
[dB]
0,6
0,812
-108
9,653
123
0,0175
36
0,367
-167
0,87
27,4
0,8
0,844
-126
8,058
108
0,0196
31
0,378
-170
0,78
26,1
1,0
0,868
-140
6,693
97
0,0209
28
0,391
-173
0,74
25,1
1,2
0,881
-151
5,643
88
0,0217
24
0,402
-175
0,76
24,2
1,4
0,888
-161
4,846
81
0,0225
22
0,413
-178
0,80
23,3
1,6
0,892
-167
4,229
75
0,0230
20
0,425
-180
0,86
22,6
1,8
0,895
-173
3,745
69
0,0235
19
0,437
179
0,91
22,0
2,0
0,896
-178
3,352
64
0,0238
19
0,448
177
0,98
21,5
2,2
0,897
178
3,030
59
0,0241
18
0,460
176
1,05
21,0
19,7
2,4
0,897
174
2,762
54
0,0244
18
0,469
174
1,12
20,5
18,4
2,6
0,897
170
2,537
50
0,0247
19
0,479
173
1,20
20,1
17,4
2,8
0,897
167
2,341
46
0,0252
19
0,489
172
1,26
19,7
16,6
3,0
0,897
164
2,176
42
0,0259
19
0,499
170
1,31
19,2
15,9
3,2
0,897
161
2,043
39
0,0267
20
0,508
169
1,34
18,8
15,3
3,4
0,897
159
1,910
35
0,0273
20
0,516
167
1,39
18,4
14,7
3,6
0,898
157
1,793
31
0,0284
20
0,525
166
1,39
18,0
14,3
3,8
0,899
154
1,693
28
0,0291
20
0,534
164
1,42
17,6
13,8
4,0
0,900
152
1,594
24
0,0301
21
0,543
163
1,43
17,2
13,4
4,2
0,901
150
1,522
21
0,0312
20
0,552
161
1,41
16,9
13,1
4,4
0,903
148
1,447
18
0,0323
21
0,563
159
1,38
16,5
12,8
4,6
0,904
146
1,374
15
0,0338
20
0,572
158
1,36
16,1
12,5
4,8
0,905
144
1,305
12
0,0351
20
0,581
156
1,35
15,7
12,2
5,0
0,907
142
1,237
8
0,0364
20
0,590
155
1,32
15,3
11,9
5,5
0,910
136
1,094
0
0,0396
20
0,614
151
1,29
14,4
11,2
6,0
0,911
132
0,983
-7
0,0437
19
0,637
147
1,23
13,5
10,6
6,5
0,911
127
0,891
-15
0,0480
18
0,659
142
1,18
12,7
10,1
7,0
0,911
122
0,816
-23
0,0525
16
0,678
138
1,13
11,9
9,7
7,5
0,909
117
0,753
-30
0,0578
13
0,695
133
1,08
11,1
9,4
8,0
0,908
112
0,699
-37
0,0635
10
0,709
128
1,04
10,4
9,2
8,5
0,906
106
0,650
-45
0,0687
6
0,723
122
1,01
9,8
9,2
9,0
0,906
100
0,606
-52
0,0743
2
0,737
116
0,97
9,1
9,5
0,906
95
0,567
-59
0,0805
-3
0,752
110
0,92
8,5
10,0
0,907
89
0,530
-66
0,0866
-8
0,767
104
0,87
7,9
10,5
0,908
83
0,496
-72
0,0928
-12
0,784
99
0,80
7,3
11,0
0,909
78
0,465
-78
0,0995
-17
0,797
93
0,75
6,7
11,5
0,909
73
0,438
-84
0,1064
-22
0,810
89
0,70
6,1
12,0
0,908
68
0,414
-89
0,1146
-26
0,821
84
0,66
5,6
12,5
0,904
63
0,395
-94
0,1237
-30
0,827
80
0,65
5,0
13,0
0,897
58
0,380
-99
0,1338
-35
0,831
75
0,65
4,5
13,5
0,889
53
0,369
-103
0,1456
-40
0,832
71
0,67
4,0
14,0
0,880
48
0,362
-108
0,1599
-45
0,831
66
0,68
3,5
14,5
0,870
42
0,357
-112
0,1747
-50
0,826
62
0,71
3,1
15,0
0,857
36
0,355
-116
0,1911
-55
0,819
57
0,75
2,7
15,5
0,844
29
0,359
-120
0,2137
-61
0,812
52
0,77
2,2
16,0
0,828
22
0,366
-124
0,2396
-67
0,804
47
0,80
1,8
16,5
0,814
15
0,377
-129
0,2697
-73
0,792
41
0,81
1,5
17,0
0,802
8
0,390
-132
0,2995
-78
0,784
36
0,81
1,1
17,5
0,793
2
0,404
-136
0,3274
-83
0,776
31
0,81
0,9
18,0
0,787
-3
0,423
-139
0,3525
-87
0,769
27
0,80
0,8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com