Electronic Components Datasheet Search
  English  ▼

X  

CLX32 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # CLX32
Description  HiRel X-Band GaAs Power-MESFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CLX32 Datasheet(HTML) 3 Page - Infineon Technologies AG

  CLX32 Datasheet HTML 1Page - Infineon Technologies AG CLX32 Datasheet HTML 2Page - Infineon Technologies AG CLX32 Datasheet HTML 3Page - Infineon Technologies AG CLX32 Datasheet HTML 4Page - Infineon Technologies AG CLX32 Datasheet HTML 5Page - Infineon Technologies AG CLX32 Datasheet HTML 6Page - Infineon Technologies AG CLX32 Datasheet HTML 7Page - Infineon Technologies AG CLX32 Datasheet HTML 8Page - Infineon Technologies AG CLX32 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CLX32
Semiconductor Group
3 of 10
Draft D, September 99
Electrical Characteristics (at TA=25°C; unless otherwise specified)
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Drain-source saturation current
VDS = 2 V, VGS = 0 V
IDss
600
1000
1400
mA
Gate threshold voltage
VDS = 3 V, ID = 40 mA
-VGth
1.2
2.2
3.2
V
Drain current at pinch-off, low VDS
VDS = 3 V, VGS = -3.5 V
IDp3
-
-
200
µA
Gate current at pinch-off, low VDS
VDS = 3 V, VGS = -3.5 V
-IGp3
--
80
µA
Drain current at pinch-off, high VDS
VDS = 9.5 V, VGS = -3.5 V
IDp9.5
-
-
2000
µA
Gate current at pinch-off, high VDS
VDS = 9.5 V, VGS = -3.5 V
-IGp9.5
-
-
800
µA
Transconductance
VDS = 3 V, ID = 400 mA
gm
440
520
-
mS
Thermal resistance
Junction to soldering point
VDS = 8 V, ID = 400 mA, Ts = +25°C
Rth JS
-20
-
K/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com