Electronic Components Datasheet Search
  English  ▼

X  

SPED2 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SPED2
Description  4.5mm-travel Push-push Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPED2 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SPED2_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPED2_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPED2_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPED2_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
135
135
SPED2/4.5mm-travel Push-push Type
Factory setting for contact points can be either 1 or 2.
Note
Circuit Diagram
C1
C2
1
2
Style
Dimensions
Unit:mm
No.
2
8
ø4.8
ø10
16.8
6.1
Turnover position
ø9.7
ø10
ø11.15
Travel
Terminal No. C1 C2
Terminal No. 2
Terminal No.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com