Electronic Components Datasheet Search
  English  ▼

X  

SPED2 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SPED2
Description  4.5mm-travel Push-push Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPED2 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SPED2_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPED2_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPED2_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPED2_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
138
138
Soldering time
SPEH
Series
Series
Example of Reflow Soldering Condition
1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple φ 0.1 to 0.2 CA (K) or CC (T) at soldering portion (copper foil surface).
A heat resisting tape should be used for fixed measurement.
3. Temperature profile
300
200
100
A max.
B
E
D
Time (s)
C
Pre-heating
F max.
Room
temperature
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where the PC board's
  temperature greatly differs from that of the switch, depending on the PC board's material, size, thickness, etc.
The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is highly recommended.
Notes
260
Series(Reflow type)
230
40
180
150
120
SPEG
SPEJ
SPEF
A(℃)
3s max.
B(℃)
C(s)
D(℃)
E(℃)
F(s)
10±1s
Soldering temperature Duration of immersion
Preheating temperature
Preheating time
SPPJ2, SPPH1, SPED2, SPED4, SPEF
SPUJ, SPPH2, SPPH4
SPUN
SPPJ3
100℃ max.
60s max.
260±5℃
5±1s
100℃ max.
60s max.
260±5℃
10±1s
—
260±5℃
5±1s
—
260±5℃
Items
Dip soldering
Reference for Dip Soldering
(For PC board terminal types)
300±10℃
SPUJ
3+1/0s
350℃ max.
SPEH, SPPH2
SPEG, SPEF
SPEJ
SPED2, SPED4
SPPJ3, SPPJ2, SPUN, SPPH4, SPPH1
350±10℃
3+1/0s
350±10℃
3±0.5s
350±10℃
4s max.
350±5℃
3s max.
3s max.
Soldering temperature
Reference for Hand Soldering
For PC board 端子タイプに適用
Push Switches Soldering Conditions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com