Electronic Components Datasheet Search
  English  ▼

X  

SPED2 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SPED2
Description  4.5mm-travel Push-push Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPED2 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SPED2_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPED2_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPED2_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPED2_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
115
115
Series
Vertical
SPEF
SPED2
SPED3
SPED4
SPED5
Photo
Dimensions
(mm)
W
9.4
14
13.5
D
9
16.8
18
18.2
H
6.9
18.3
16.97
13.1
18
Travel(mm)
1.5
—
—
—
—
Total travel(mm)
2.7
4.5
3.8
Number of poles
1
1
2
1
Operating
temperature range
−40℃ to +85℃
−40℃ to +95℃
Automotive use
●
●
●
●
●
●
Life cycle
Rating(max.)
(Resistive load)
1A 14.5V DC
2A 14.5V DC
Rating(min.)
(Resistive load)
50μA 3V DC
—
—
—
—
Durability
Operating life
without load
—
—
—
—
—
—
Operating life with load
(at max. rated load)
30,000 cycles 100mΩ max.
Electrical
performance
Initial contact
resistance
100mΩ max.
Insulation
resistance
3MΩ min. 100V DC
3MΩ min. 500V DC
Voltage proof
100V AC for 1minute
Mechanical
performance
Terminal
strength
—
—
—
—
—
Wire strength 30N
Actuator
strength
Operating
direction
90N
98N
90N
98N
Pulling
direction
30N
—
—
—
—
Environmental
performance
Cold
−40℃ 96h
Dry heat
85℃ 96h
85℃ 96h (Connector type)
105℃ 192h (Dip type)
105℃ 192h
Damp heat
40℃, 90 to 95%RH 96h
Page
132
134
136
Push Switches Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 138
Push Switches Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 139
Note
● Indicates applicability to all products in the series.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com