Electronic Components Datasheet Search
  English  ▼

X  

SPED2 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPED2
Description  4.5mm-travel Push-push Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPED2 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPED2_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPED2_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPED2_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPED2_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
134
134
SPED2
Smooth and linear operation feeling
4.5mm-travel Push-push Type
SPED210203
2,000
Japan
Export
2
1
1
2
Poles Positions
Non shorting
Changeover
timing
For PC board
−
Terminal
type
1,120
280
400
Minimum order unit(pcs.)
Alternate
Operation
SPED220200
Product No.
Product Line
PC board
Connector
Mounting
method
4.5
Total travel
(mm)
1
2
Drawing
No.
■ Typical Specifications
Items
Specifications
Rating(Resistive load)
1A 14.5V DC
Contact resistance
(Initial / After operating life)
100mΩ max. / 100mΩ max.
Operating force
4.17±0.74N
Operating life(With load)
30,000 cycles(1A 14.5V DC)
Circuit configuration
2-pole, 1-position
1-pole, 2-position
Style
PC board mounting dimensions
(Viewed from the mounting face side)
15.58
ø3
2.65
8
4-1
ø4.8
1.05
16.8
2
11.65
Turnover position
ø9.7
ø10
ø11.15
Travel
Terminal No. C1
Terminal No. C2
Terminal No. 1
Terminal No. 2
A
Dimensions
Unit:mm
15
2-2.1
ø3.05
hole
2.65
8
4-ø1.2
hole
(T=1.6)
No.
1
Refer to P.138 for soldering conditions.
Product No.
Number of packages(pcs.)
Export package measurements
(mm)
1 case / Japan
1 case / export packing
SPED210203
400
2,000
400×270×290
Bulk
Product No.
Number of packages(pcs.)
Export package measurements
(mm)
1 case / Japan
1 case / export packing
SPED220200
280
1,120
555×375×223
Packing Specifications
Tray


Similar Part No. - SPED2_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPED210200 ALPS-SPED210200 Datasheet
121Kb / 2P
4.5mm-travel Push-push Type
SPED220200 ALPS-SPED220200 Datasheet
121Kb / 2P
4.5mm-travel Push-push Type
More results

Similar Description - SPED2_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SCHA ALPS-SCHA Datasheet
213Kb / 4P
Connector for microSD??Card (Push-push Type)
SPED2 ALPS-SPED2 Datasheet
121Kb / 2P
4.5mm-travel Push-push Type
SPED3 ALPS-SPED3 Datasheet
198Kb / 3P
3.8mm-travel Push-push Type
logo
Yamaichi Electronics Co...
NMS011-2500-1 YAMAICHI-NMS011-2500-1 Datasheet
168Kb / 2P
miniSD Card Reader - Push / Push (Reversed Type)
logo
SUYIN USA, INC.
250049FB009SXXXZA SUYIN-USA-250049FB009SXXXZA Datasheet
133Kb / 1P
2.50mm Pitch SD Card Push - Push Reverse Type
logo
ALPS ELECTRIC CO.,LTD.
SPED3 ALPS-SPED3_15 Datasheet
959Kb / 4P
3.8mm-travel Push-push Type
logo
Kyocera Kinseki Corpota...
5236 KSS-5236 Datasheet
255Kb / 2P
Normal mount & push-push eject type
logo
SHINMEI ELECTRIC CO., L...
SW1AF-360-T10 SHINMEI-SW1AF-360-T10 Datasheet
124Kb / 3P
Push-type Detector Switches
SW1AG-550 SHINMEI-SW1AG-550 Datasheet
86Kb / 2P
Push-type Detector Switches
SW-110 SHINMEI-SW-110 Datasheet
119Kb / 3P
Push-type Detector Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com