Electronic Components Datasheet Search
  English  ▼

X  

STL7N10F7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL7N10F7
Description  N-channel 100 V, 0.027 Ω typ., 7 A STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 3.3x3.3 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7N10F7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL7N10F7 Datasheet HTML 2Page - STMicroelectronics STL7N10F7 Datasheet HTML 3Page - STMicroelectronics STL7N10F7 Datasheet HTML 4Page - STMicroelectronics STL7N10F7 Datasheet HTML 5Page - STMicroelectronics STL7N10F7 Datasheet HTML 6Page - STMicroelectronics STL7N10F7 Datasheet HTML 7Page - STMicroelectronics STL7N10F7 Datasheet HTML 8Page - STMicroelectronics STL7N10F7 Datasheet HTML 9Page - STMicroelectronics STL7N10F7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STL7N10F7
6/14
DocID025972 Rev 2
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
10ms
100
µs
1ms
Tj=150°C
Tpcb=25°C
Sinlge
pulse
GIPG170220141727SA
δ=0.5
0.05
0.02
0.01
0.1
0.2
Single pulse
K
tp(s)
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
pcb
ZthPowerFlat_3.3x3.3
ID
30
20
10
0
0
5
VDS(V)
(A)
40
50
6 V
5 V
7 V
8 V
9 V
VGS= 10 V
60
70
80
AM18109v1
ID
30
20
10
0
4
VGS(V)
(A)
26
40
50
60
VDS= 6V
10
8
70
80
AM18110v1
VGS
6
4
2
0
5
QG(nC)
(V)
010
8
10
12
VDD= 50V
ID= 7A
15
AM18111v1
RDS(on)
30.0
20.0
10.0
0.0
0
4
ID(A)
(m
Ω)
2
6
40.0
VGS=10V
8
10
12
50.0
AM18112v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com