Electronic Components Datasheet Search
  English  ▼

X  

STL7N10F7 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL7N10F7
Description  N-channel 100 V, 0.027 Ω typ., 7 A STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 3.3x3.3 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7N10F7 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL7N10F7 Datasheet HTML 3Page - STMicroelectronics STL7N10F7 Datasheet HTML 4Page - STMicroelectronics STL7N10F7 Datasheet HTML 5Page - STMicroelectronics STL7N10F7 Datasheet HTML 6Page - STMicroelectronics STL7N10F7 Datasheet HTML 7Page - STMicroelectronics STL7N10F7 Datasheet HTML 8Page - STMicroelectronics STL7N10F7 Datasheet HTML 9Page - STMicroelectronics STL7N10F7 Datasheet HTML 10Page - STMicroelectronics STL7N10F7 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DocID025972 Rev 2
7/14
STL7N10F7
Electrical characteristics
14
Figure 8. Capacitance variations
Figure 9. Normalized V(BR)DSS vs temperature
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Source-drain diode forward
characteristics
C
800
600
400
200
0
40
VDS(V)
(pF)
20
1000
60
Ciss
Coss
Crss
80
0
AM18113v1
V(BR)DSS
1
0.98
0.96
-55
TJ(°C)
(norm)
-5
45
1.02
1.04
ID= 250
µA
95
145
AM18114v1
VGS(th)
0.6
0.5
0.4
TJ(°C)
(norm)
0.9
0.7
0.8
-55
-5
45
95
145
1
1.1
VDS= VGS
ID= 250
µA
AM18115v1
RDS(on)
1
0.5
0
TJ(°C)
(norm)
1.5
-55
-5
45
95
145
2
VGS= 10 V
ID= 3.5A
AM18116v1
VSD
0
10
ISD(A)
(V)
5
15
0.5
0.6
0.7
TJ=-55°C
TJ=150°C
TJ=25°C
0.8
0.9
1
AM18117v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com