Electronic Components Datasheet Search
  English  ▼

X  

STL7N10F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL7N10F7
Description  N-channel 100 V, 0.027typ., 7 A STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 3.3x3.3 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7N10F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STL7N10F7 Datasheet HTML 1Page - STMicroelectronics STL7N10F7 Datasheet HTML 2Page - STMicroelectronics STL7N10F7 Datasheet HTML 3Page - STMicroelectronics STL7N10F7 Datasheet HTML 4Page - STMicroelectronics STL7N10F7 Datasheet HTML 5Page - STMicroelectronics STL7N10F7 Datasheet HTML 6Page - STMicroelectronics STL7N10F7 Datasheet HTML 7Page - STMicroelectronics STL7N10F7 Datasheet HTML 8Page - STMicroelectronics STL7N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
April 2014
DocID025972 Rev 2
1/14
STL7N10F7
N-channel 100 V, 0.027
Ω typ., 7 A STripFET™ VII DeepGATE™
Power MOSFET in a PowerFLAT™ 3.3x3.3 package
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• N-channel enhancement mode
• Lower R
DS(on)
x area vs previous generation
• 100% avalanche rated
Applications
• Switching applications
Description
This device utilizes the 7
th
generation of design
rules of ST’s proprietary STripFET™ technology,
with a new gate structure. The resulting Power
MOSFET exhibits the lowest R
DS(on)
in all
packages.
PowerFLAT™ 3.3x3.3
1
2
3
4
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
8
12
3
4
7
6
5
AM15810v1
Order code
VDS
RDS(on) max
ID
STL7N10F7
100 V
0.035
Ω
7 A
Table 1. Device summary
Order code
Marking
Package
Packaging
STL7N10F7
7N10F
PowerFLAT™ 3.3x3.3
Tape and reel
www.st.com


Similar Part No. - STL7N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL7N60M2 STMICROELECTRONICS-STL7N60M2 Datasheet
310Kb / 13P
Extremely low gate charge
26-Jan-2015
STL7N6F7 STMICROELECTRONICS-STL7N6F7 Datasheet
875Kb / 11P
N-channel 60 V, 0.021 (ohm) typ., 7 A STripFET F7 Power MOSFET in a PowerFLAT 2x2 package
27-Aug-2015
STL7N6LF3 STMICROELECTRONICS-STL7N6LF3 Datasheet
969Kb / 15P
Switching applications
13-Feb-2017
STL7N80K5 STMICROELECTRONICS-STL7N80K5 Datasheet
956Kb / 17P
Ultra low gate charge
19-Nov-2013
STL7NM60N STMICROELECTRONICS-STL7NM60N Datasheet
786Kb / 13P
Low input capacitance and gate charge, Low gate input resistance
10-Nov-2011
More results

Similar Description - STL7N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CD00297243 STMICROELECTRONICS-CD00297243 Datasheet
882Kb / 14P
Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
14-Dec-2012
STL60N10F7 STMICROELECTRONICS-STL60N10F7 Datasheet
1Mb / 16P
N-channel 100 V, 0.0145 Ω typ., 12 A, STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 5x6 package
October 2013 Rev 3
STL100N10F7 STMICROELECTRONICS-STL100N10F7 Datasheet
1Mb / 16P
N-channel 100 V, 0.0062 Ω typ., 19 A, STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 5x6 package
July 2013 Rev 4
STL100N3LLH6 STMICROELECTRONICS-STL100N3LLH6 Datasheet
564Kb / 10P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
16-Feb-2010
STH90N55F4-2 STMICROELECTRONICS-STH90N55F4-2 Datasheet
768Kb / 16P
N-channel 55 V, 0.0064 Ω, 90 A, H2PAK STripFET™ DeepGATE™ Power MOSFET
11-Aug-2011
STI70N10F4 STMICROELECTRONICS-STI70N10F4 Datasheet
723Kb / 12P
N-channel 100 V, 0.015 Ω, 60 A, STripFET™ DeepGATE™ Power MOSFET in I2PAK
23-Sep-2009
STL100N3LLH7 STMICROELECTRONICS-STL100N3LLH7 Datasheet
525Kb / 9P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6) STripFET™ VII DeepGATE™ Power MOSFET
22-Jun-2010
STL12N10F7 STMICROELECTRONICS-STL12N10F7 Datasheet
587Kb / 13P
N-channel 100 V, 11.3 mΩ typ., 12 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
14-Jun-2018
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
10-Jun-2016
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com