Electronic Components Datasheet Search
  English  ▼

X  

PAC5253 Datasheet(PDF) 39 Page - Active-Semi, Inc

Part # PAC5253
Description  Power Application Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5253 Datasheet(HTML) 39 Page - Active-Semi, Inc

Back Button PAC5253 Datasheet HTML 35Page - Active-Semi, Inc PAC5253 Datasheet HTML 36Page - Active-Semi, Inc PAC5253 Datasheet HTML 37Page - Active-Semi, Inc PAC5253 Datasheet HTML 38Page - Active-Semi, Inc PAC5253 Datasheet HTML 39Page - Active-Semi, Inc PAC5253 Datasheet HTML 40Page - Active-Semi, Inc PAC5253 Datasheet HTML 41Page - Active-Semi, Inc PAC5253 Datasheet HTML 42Page - Active-Semi, Inc PAC5253 Datasheet HTML 43Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
PAC5253
Power Application Controller
12.3.4. Power Drivers Control
All power drivers are initially disabled from power-on-reset. To enable the power drivers, the microprocessor must first set
the driver enable bit to '1'. The gate drivers controlled by the microcontroller ports and PWM signals according to Table 21,
with configurable delays as shown in Table 21. Refer to the PAC application notes and user guide for additional
information on power drivers control programming.
Table 21. Microcontroller Port and PWM to Power Driver Mapping
PART
NUMBER
PWMA0
PWMA1
PWMA2
PWMA3/
PWMA4/
PWMB0
PWMA4/
PWMB0
PWMA5/
PWMA7/
PWMC1
PWMA6/
PWMD0
PAC5253
DRL0
DRL1
DRL2
DRL3
DXH0
DXH1
DXH2
Table 22. Power Driver Delay Configuration
DELAY
SETTING
DRLx
DXHx
RISING
FALLING
RISING
FALLING
Default Setting
130ns
140ns
200ns
240ns
01b Setting
170ns
180ns
10b Setting
230ns
250ns
11b Setting
360ns
380ns
12.3.5. Gate Driver Fault Protection
The ASPD incorporates a configurable fault protection mechanism using two protection event signals from the
Configurable Analog Front End (CAFE), designated as protection event 1 (PR1) and protection event 2 (PR2) signals. The
DRL0/DRL1/DRL2 drivers are designated as low-side group 1, and the DRL3 gate driver are designed as low-side group 2.
The DXH0/DXH1/DXH2 ultra-high-voltage gate drivers are designated as high-side group 1. The PR1 signal from the
CAFE can be used to disable low-side group 1, high-side group 1, or both depending on the PR1 mask bit settings. The PR2
signal from the CAFE can be used to disable low-side group 2, high-side group 2, or both depending on the PR2 mask bit
- 39 -
Rev 1.10‒January 28, 2016
Figure 12-3. High-Side Switching Transients and Optional Circuitry
V
DXSx
V
DXSx
≥ -10V
V
DXBx
≤ 625V
V
DXBx
dV/dt
dV/dt
(a) High-Side Switching Transients
(b) Optional Transient Protection and Slew Rate Control
DXHx
DRLx
DXSx
DXBx
V
P
V
IN
PAC5253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com