Electronic Components Datasheet Search
  English  ▼

X  

PAC5253 Datasheet(PDF) 49 Page - Active-Semi, Inc

Part # PAC5253
Description  Power Application Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5253 Datasheet(HTML) 49 Page - Active-Semi, Inc

Back Button PAC5253 Datasheet HTML 45Page - Active-Semi, Inc PAC5253 Datasheet HTML 46Page - Active-Semi, Inc PAC5253 Datasheet HTML 47Page - Active-Semi, Inc PAC5253 Datasheet HTML 48Page - Active-Semi, Inc PAC5253 Datasheet HTML 49Page - Active-Semi, Inc PAC5253 Datasheet HTML 50Page - Active-Semi, Inc PAC5253 Datasheet HTML 51Page - Active-Semi, Inc PAC5253 Datasheet HTML 52Page - Active-Semi, Inc PAC5253 Datasheet HTML 53Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
PAC5253
Power Application Controller
15.3. Functional Description
The PAC clock control system covers a wide range of applications.
15.3.1. Free Running Clock (FRCLK)
The free running clock (FRCLK) is generated from one of the 4 clock sources: ring oscillator, trimmed RC oscillator,
crystal driver or external clock input. The FRCLK is used for the real-time clock (RTC), watchdog timer (WDT), input to
the PLL, or FCLK source to clock the system in low power and sleep mode.
15.3.2. Fast Clock (FCLK)
The fast clock (FCLK) is generated from the PLL or supplied by the FRCLK directly. The FCLK supplies the watchdog
timer (WDT), ADC, wake-up interrupt controller (WIC), SysTick timer, ARM Cortex-M0 peripheral high speed clock
(HCLK) and low speed clock (LSCLK).
15.3.3. High-Speed Clock (HCLK)
The high-speed clock (HCLK) is derived from the FCLK with a /1, /2, /4 or /8 divider. It supplies the peripheral AHB/APB
bus, Timers A to D, dead-time controllers, SPI interface, I2C interface, UART interface, EMUX interface, SOC bridge
interface and memory subsystem, and can go as high as 50MHz.
15.3.4. Auxiliary Clock (ACLK)
The auxiliary clock (ACLK) is derived from FCLK with a /1, /2, to /128 divider, and supplies the timer and dead -time
blocks. It can be clocked faster or slower than HCLK and can go as high as 100MHz.
15.3.5. Clock Gating
The clock tree supports clock gating in deep-sleep mode for the timer block, ADC, SPI interface, I2C interface, UART
interface, memory subsystem and the ARM Cortex-M0 itself.
15.3.6. Ring Oscillator (ROSC)
The integrated ring oscillator provides 4 different clocks with 7.5MHz, 9.6MHz, 13.8MHz, and 25.7MHz settings. After
reset, the clock tree always defaults to this clock input with the lowest frequency setting.
15.3.7. Trimmed 4MHz RC Oscillator
The 1% trimmed 4MHz RC oscillator provides an accurate clock suitable for many applications. It is also used to derive the
clock for the Multi-Mode Power Manager.
15.3.8. Internal Slow RC Oscillator
An internal 32kHz RC oscillator is used during start up to provide an initial clock to analog circuitry. It is not used as a
clock input to the clock tree.
15.3.9. Crystal Oscillator Driver
The optional crystal oscillator driver can drive crystals from 2MHz to 10MHz to provide a highly accurate and stable clock
into the system.
15.3.10. External Clock Input
The clock tree can be supplied with an external clock up to 10MHz.
15.3.11. PLL
The integrated PLL input clock is supplied by the FRCLK with an input frequency range of 1MHz to 25MHz. The PLL
output frequency is adjustable from 3.5MHz to 100MHz.
- 49 -
Rev 1.10‒January 28, 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com