Electronic Components Datasheet Search
  English  ▼

X  

PAC5253 Datasheet(PDF) 46 Page - Active-Semi, Inc

Part # PAC5253
Description  Power Application Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5253 Datasheet(HTML) 46 Page - Active-Semi, Inc

Back Button PAC5253 Datasheet HTML 42Page - Active-Semi, Inc PAC5253 Datasheet HTML 43Page - Active-Semi, Inc PAC5253 Datasheet HTML 44Page - Active-Semi, Inc PAC5253 Datasheet HTML 45Page - Active-Semi, Inc PAC5253 Datasheet HTML 46Page - Active-Semi, Inc PAC5253 Datasheet HTML 47Page - Active-Semi, Inc PAC5253 Datasheet HTML 48Page - Active-Semi, Inc PAC5253 Datasheet HTML 49Page - Active-Semi, Inc PAC5253 Datasheet HTML 50Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
PAC5253
Power Application Controller
14. MEMORY SYSTEM
14.1. Features
32kB embedded FLASH
100,000 program/erase cycles
10 years data retention
8kB SRAM
14.2. Block Diagram
14.3. Functional Description
The device has multiple banks of embedded FLASH memory, SRAM memory, as well as peripheral control registers that
are all program-accessible in a flat memory map.
14.3.1. Program and Data FLASH
32kB in 32 pages of 1kB each is available for program or data memory. Each of them can be individually erased or written
to while the microcontroller is executing a program from SRAM.
14.3.2. SRAM
Up to 8kB contiguous array of SRAM is available for non-persistent data storage. The SRAM memory supports word
(4-byte), half-word (2-byte) and byte address aligned access. The microcontroller may execute code out of SRAM for time-
critical applications, or when modifying the contents of FLASH memory.
- 46 -
Rev 1.10‒January 28, 2016
Figure 14-1. Memory System
8kB
SRAM
MEMORY SYSTEM
1kB FLASH
PAGES
FLASH
256B INFO
ROM
INFO ROM
SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com