Electronic Components Datasheet Search
  English  ▼

X  

PAC5253 Datasheet(PDF) 41 Page - Active-Semi, Inc

Part # PAC5253
Description  Power Application Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5253 Datasheet(HTML) 41 Page - Active-Semi, Inc

Back Button PAC5253 Datasheet HTML 37Page - Active-Semi, Inc PAC5253 Datasheet HTML 38Page - Active-Semi, Inc PAC5253 Datasheet HTML 39Page - Active-Semi, Inc PAC5253 Datasheet HTML 40Page - Active-Semi, Inc PAC5253 Datasheet HTML 41Page - Active-Semi, Inc PAC5253 Datasheet HTML 42Page - Active-Semi, Inc PAC5253 Datasheet HTML 43Page - Active-Semi, Inc PAC5253 Datasheet HTML 44Page - Active-Semi, Inc PAC5253 Datasheet HTML 45Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
PAC5253
Power Application Controller
12.4. Electrical Characteristics
Table 23. Gate Drivers Electrical Characteristics
(VP = 12V, VSYS = 5V, and TA = -40°C to 105°C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNI
T
Low-Side Gate Drivers (DRLx Pins)
VOH,DRL
High-level output voltage
IDRLx = -50mA
VP−0.5
VP−0.25
V
VOL,DRL
Low-level output voltage
IDRLx = 50mA
0.175
0.35
V
IOHPK,DRL
High-level pulsed peak source current
10µs pulse
-1
A
IOLPK,DRL
Low-level pulsed peak sink current
10µs pulse
1
A
TPD,DRL
Propagation Delay
Delay setting 00
10
ns
Delay setting 01
50
Delay setting 10
120
Delay setting 11
250
Ultra-High-Voltage Gate Drivers (DXHx, DXBx and DXSx Pins)
VDXS
Level-shift driver source voltage range
Repetitive, 10us pulse
-10
605
V
Steady state
0
600
VDXB
Bootstrap pin voltage range
Repetitive, 10us pulse
1
625
V
Steady state
9
620
VBS;DXB
Bootstrap supply voltage range
VDXBx, relative to respective VDXSx
9
20
V
VUVLO;DXB
Bootstrap UVLO threshold
VDXBx rising, relative to respective VDXSx ,
Hys=0.5V
6.3
7.5
9.3
V
IBS;DXB
Bootstrap supply current
40
80
µA
IOS;DXB
Offset supply current
VDXBx = VDXSx =600V
10
µA
VOH;DXH
High-level output voltage
IDXHx = -20mA
VDXBx−0.6
V
VOL;DXH
Low-level output voltage
IDXHx = 40mA
VDXSx+0.6
V
IOHPK;DXH
High-level pulsed peak source current
10µs pulse
-0.25
A
IOLPK;DXH
Low-level pulsed peak sink current
10µs pulse
0.5
A
Table 24. Open-Drain Drivers Electrical Characteristics
(VP = 12V, VSYS = 5V, and TA = -40°C to 105°C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNI
T
Medium-Voltage Open-Drain Drivers (OMx Pins)
VOM
Output voltage range
Off state
0
23
V
RON;OM
On state resistance
IOMx = 20mA
17
35
Ω
IOL;OM
On state sink current
VOMx = 2V
40
80
mA
ILK;OM
Leakage current
VOMx = 23V, off state
0
10
μA
- 41 -
Rev 1.10‒January 28, 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com