Electronic Components Datasheet Search
  English  ▼

X  

LSF0102 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0102
Description  Channel Bidirectional Multi-Voltage Level Translator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LSF0102 Datasheet HTML 2Page - Texas Instruments LSF0102 Datasheet HTML 3Page - Texas Instruments LSF0102 Datasheet HTML 4Page - Texas Instruments LSF0102 Datasheet HTML 5Page - Texas Instruments LSF0102 Datasheet HTML 6Page - Texas Instruments LSF0102 Datasheet HTML 7Page - Texas Instruments LSF0102 Datasheet HTML 8Page - Texas Instruments LSF0102 Datasheet HTML 9Page - Texas Instruments LSF0102 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
LSF0101, LSF0102, LSF0108
SDLS966G – DECEMBER 2013 – REVISED FEBRUAURY 2016
www.ti.com
Product Folder Links: LSF0101 LSF0102 LSF0108
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information: LSF0101, LSF0108
THERMAL METRIC(1)
LSF0101
LSF0108
LSF0108
UNIT
DRY (SON)
RKS (VQFN)
PW (TSSOP)
6 PINS
20 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
407.0
49.3
106.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
285.2
45.9
41.0
°C/W
RθJB
Junction-to-board thermal resistance
271.6
20.6
57.6
°C/W
ψJT
Junction-to-top characterization parameter
113.5
2.5
4.2
°C/W
ψJB
Junction-to-board characterization parameter
271.0
20.6
47.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
3.4
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Thermal Information: LSF0102
THERMAL METRIC(1)
LSF0102
LSF0102
LSF0102
LSF0102
UNIT
DCU (US8)
DCT (SM8)
DQE (X2SON)
YZT (DSBGA)
8 PINS
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
210.1
189.6
246.5
125.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
89.1
119.6
149.1
1.0
°C/W
RθJB
Junction-to-board thermal resistance
88.8
102.1
100.0
62.7
°C/W
ψJT
Junction-to-top characterization parameter
8.3
44.5
17.1
3.4
°C/W
ψJB
Junction-to-board characterization parameter
88.4
101.0
99.8
62.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
n/a
°C/W
(1)
All typical values are at TA = 25°C.
(2)
Measured by the voltage drop between the A and B pins at the indicated current through the switch. On-state resistance is determined
by the lowest voltage of the two (A or B) pins.
6.6 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIK
II = –18 mA,
VEN = 0
–1.2
V
IIH
VI = 5 V
VEN = 0
5.0
µA
ICC
Vref_B = VEN = 5.5 V, Vref_A = 4.5 V or 1 V, IO = 0, VI = VCC or GND
1
µA
CI(ref_A/B/EN)
VI = 3 V or 0
11
pF
Cio(off)
VO = 3 V or 0,
VEN = 0
4.0
6.0
pF
Cio(on)
VO = 3 V or 0,
VEN = 3 V
10.5
12.5
pF
ron
(2)
VI = 0,
IO = 64 mA
Vref_A = 3.3 V; Vref_B = VEN = 5 V
8.0
Ω
Vref_A = 1.8 V; Vref_B = VEN = 5 V
9.0
Vref_A = 1.0 V; Vref_B = VEN = 5 V
10
VI = 0,
IO = 32 mA
Vref_A = 1.8 V; Vref_B = VEN = 5 V
10
Ω
Vref_A = 2.5 V; Vref_B = VEN = 5 V
15
VI = 1.8 V,
IO = 15 mA
Vref_A = 3.3 V; Vref_B = VEN = 5 V
9.0
Ω
VI = 1.0 V,
IO = 10 mA
Vref_A = 1.8 V; Vref_B = VEN = 3.3 V
18
Ω
VI = 0 V,
IO = 10 mA
Vref_A = 1.0 V; Vref_B = VEN = 3.3 V
20
Ω
VI = 0 V,
IO = 10 mA
Vref_A = 1.0 V; Vref_B = VEN = 1.8 V
30
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com