Electronic Components Datasheet Search
  English  ▼

X  

LSF0102 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0102
Description  Channel Bidirectional Multi-Voltage Level Translator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102 Datasheet(HTML) 1 Page - Texas Instruments

  LSF0102 Datasheet HTML 1Page - Texas Instruments LSF0102 Datasheet HTML 2Page - Texas Instruments LSF0102 Datasheet HTML 3Page - Texas Instruments LSF0102 Datasheet HTML 4Page - Texas Instruments LSF0102 Datasheet HTML 5Page - Texas Instruments LSF0102 Datasheet HTML 6Page - Texas Instruments LSF0102 Datasheet HTML 7Page - Texas Instruments LSF0102 Datasheet HTML 8Page - Texas Instruments LSF0102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
LSF0101
GND
Vref_A
A1
EN
Vref_B
B1
DRY Package
6-Pin SON
(Top View)
1
2
3
4
5
6
A8
B8
EN
GND
10
11
20
1
LSF0108
LSF0102
GND
EN
Vref_A
A1
A2
Vref_B
B1
B2
DQE Package
8-Pin X2SON
(Top View)
Vref_A
A2
B2
A1
B1
Vref_B
GND
EN
YZT Package
8-Pin DSBGA
(Bottom View)
1
2
3
4
5
6
7
8
D1
C1
B1
A1
D2
C2
B2
A2
4
3
2
1
5
7
6
8
RKS Package
20-Pin VQFN
(Top View)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LSF0101, LSF0102, LSF0108
SDLS966G – DECEMBER 2013 – REVISED FEBRUAURY 2016
LSF010x 1/2/8 Channel Bidirectional Multi-Voltage Level Translator for Open-Drain and
Push-Pull Application
1
1 Features
1
•
Provides Bidirectional Voltage Translation With No
Direction Pin
•
Supports Up to 100 MHz Up Translation and
Greater Than 100 MHz Down Translation at
≤ 30pF Cap Load and Up To 40 MHz Up/Down
Translation at 50 pF Cap Load
•
Supports Hot Insertion
•
Allow Bidirectional Voltage Level Translation
Between
–
0.95 V
↔ 1.8/2.5/3.3/5 V
–
1.2 V
↔ 1.8/2.5/3.3/5 V
–
1.8 V
↔ 2.5/3.3/5 V
–
2.5 V
↔ 3.3/5 V
–
3.3 V
↔ 5 V
•
Low Standby Current
•
5 V Tolerance I/O Port to Support TTL
•
Low Ron Provides Less Signal Distortion
•
High-Impedance I/O pins For EN = Low
•
Flow-Through Pinout for Ease PCB Trace Routing
•
Latch-Up Performance Exceeds 100 mA Per
JESD 17
•
–40°C to 125°C Operating Temperature Range
•
ESD Performance Tested Per JESD 22
–
2000 V Human-Body Model (A114-B, Class II)
–
200 V Machine Model (A115-A)
–
1000 V Charged-Device Model (C101)
2 Applications
•
GPIO, MDIO, PMBus, SMBus, SDIO, UART, I2C,
and Other Interfaces in Telecom Infrastructure
•
Industrial
•
Automotive
•
Personal Computing
3 Description
LSF family supports up to 100 MHz up translation
and greater than 100 MHz down translation at
≤ 30pF
cap load and up to 40 MHz up/down translation at 50
pF cap load which allows the LSF family to support
more consumer or telecom interfaces (MDIO or
SDIO). The LSF family has bidirectional voltage
translation without the need for DIR pin which
minimizes system effort (for PMBus, I2C, or SMbus).
LSF family supports 5 V tolerance on IO port which
makes it compatible with TTL levels in industrial and
telecom applications. The LSF family is able to set up
different voltage translation levels on each channel
which makes it very flexible.
Device Information(1)
PART NUMBER
PACKAGE(PINS)
BODY SIZE (NOM)
LSF0101
SON (6)
1.45 mm × 1.00 mm
LSF0102
X2SON (8)
1.40 mm × 1.00 mm
DSBGA (8)
1.90 mm × 1.00 mm
SM8 (8)
2.80 mm × 2.95 mm
VSSOP (8)
2.30 mm × 2.00 mm
LSF0108
VQFN (20)
4.50 mm × 2.50 mm
TSSOP (20)
4.40 mm × 6.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - LSF0102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LSF0102 TI1-LSF0102 Datasheet
405Kb / 18P
Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
LSF0102 TI-LSF0102 Datasheet
3Mb / 53P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
REVISED DECEMBER 2022
LSF0102 TI-LSF0102 Datasheet
3Mb / 57P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
REVISED DECEMBER 2022
logo
Nexperia B.V. All right...
LSF0102 NEXPERIA-LSF0102 Datasheet
240Kb / 15P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 4 September 2020
logo
Texas Instruments
LSF0102 TI1-LSF0102 Datasheet
1Mb / 42P
LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
REVISED APRIL 2024
More results

Similar Description - LSF0102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LSF0204 TI1-LSF0204 Datasheet
1Mb / 32P
4-Bits Bidirectional Multi-Voltage Level Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
2-Bit Bidirectional Voltage-Level Translator
TXS0101 TI1-TXS0101_15 Datasheet
1Mb / 32P
1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
LSF0108-Q1 TI1-LSF0108-Q1 Datasheet
1Mb / 24P
Automotive 8-Channel Multi-Voltage Level Translator
LSF0102-Q1 TI1-LSF0102-Q1 Datasheet
405Kb / 18P
Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
LSF0204-Q1 TI1-LSF0204-Q1 Datasheet
477Kb / 21P
Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
Nexperia B.V. All right...
LSF0204-Q100 NEXPERIA-LSF0204-Q100 Datasheet
240Kb / 14P
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 2 May 2022
NCA9306 NEXPERIA-NCA9306 Datasheet
234Kb / 14P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 26 November 2021
logo
Silicon Mitus, Inc.
SM5520 SILICONMITUS-SM5520 Datasheet
404Kb / 2P
2 Bits Bidirectional Voltage Level Translator
April 2021 Rev. 0.0.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com