Electronic Components Datasheet Search
  English  ▼

X  

LSF0102 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0102
Description  Channel Bidirectional Multi-Voltage Level Translator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LSF0102 Datasheet HTML 6Page - Texas Instruments LSF0102 Datasheet HTML 7Page - Texas Instruments LSF0102 Datasheet HTML 8Page - Texas Instruments LSF0102 Datasheet HTML 9Page - Texas Instruments LSF0102 Datasheet HTML 10Page - Texas Instruments LSF0102 Datasheet HTML 11Page - Texas Instruments LSF0102 Datasheet HTML 12Page - Texas Instruments LSF0102 Datasheet HTML 13Page - Texas Instruments LSF0102 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Vref_A
Vref_B
2
7
3
4
8 EN
6
5
1
GND
A1
A2
B1
B2
LSF0102
SW
SW
Vref_A
Vref_B
2
5
3
6 EN
4
1
GND
A1
B1
LSF0101
SW
10
LSF0101, LSF0102, LSF0108
SDLS966G – DECEMBER 2013 – REVISED FEBRUAURY 2016
www.ti.com
Product Folder Links: LSF0101 LSF0102 LSF0108
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LSF family can be used in level translation applications for interfacing devices or systems operating at
different interface voltages with one another. The LSF family is ideal for use in applications where an open-drain
driver is connected to the data I/Os. With appropriate pull-up resistors and layout, LSF can achieve 100 MHz.
The LSF family can also be used in applications where a push-pull driver is connected to the data I/Os.
8.2 Functional Block Diagrams
Figure 3. LSF0101 Functional Block Diagram
Figure 4. LSF0102 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com