Electronic Components Datasheet Search
  English  ▼

X  

PEF3452 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # PEF3452
Description  Line Interface Unit for DS3, STS 1 and E3
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF3452 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button PEF3452 Datasheet HTML 45Page - Infineon Technologies AG PEF3452 Datasheet HTML 46Page - Infineon Technologies AG PEF3452 Datasheet HTML 47Page - Infineon Technologies AG PEF3452 Datasheet HTML 48Page - Infineon Technologies AG PEF3452 Datasheet HTML 49Page - Infineon Technologies AG PEF3452 Datasheet HTML 50Page - Infineon Technologies AG PEF3452 Datasheet HTML 51Page - Infineon Technologies AG PEF3452 Datasheet HTML 52Page - Infineon Technologies AG PEF3452 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
PEF 3452
TE3-LIU V1.3
Electrical Characteristics
Preliminary Data Sheet
39
2001-12-05
PRELIMINARY
6.2
Operating Range
Note: In the operating range, the functions given in the circuit description are fulfilled.
All VDD pins have to be connected to the same voltage level,
All VSS pins have to be connected to ground level.
Note: Typical characteristics specify mean values expected over the production spread.
If not otherwise specified, typical characteristics apply at
T
A =25 °C and 3.3V
supply voltage.
Table 16
Power Supply Range
Parameter
Symbol
Limit Values
Unit Condition
min.
max.
Ambient temperature
TA
-40
85
°C
Supply voltage
VDD
VDDR
VDDX
VDDRP
VDDXP
3.13
3.46
V
3.3 V
± 5%
Digital input voltages
VID
05.25
V
5.0 V + 5%
Ground
VSS
VSSR
VSSX
VSSRP
VSSXP
00
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com