Electronic Components Datasheet Search
  English  ▼

X  

PEF3452 Datasheet(PDF) 54 Page - Infineon Technologies AG

Part # PEF3452
Description  Line Interface Unit for DS3, STS 1 and E3
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF3452 Datasheet(HTML) 54 Page - Infineon Technologies AG

Back Button PEF3452 Datasheet HTML 50Page - Infineon Technologies AG PEF3452 Datasheet HTML 51Page - Infineon Technologies AG PEF3452 Datasheet HTML 52Page - Infineon Technologies AG PEF3452 Datasheet HTML 53Page - Infineon Technologies AG PEF3452 Datasheet HTML 54Page - Infineon Technologies AG PEF3452 Datasheet HTML 55Page - Infineon Technologies AG PEF3452 Datasheet HTML 56Page - Infineon Technologies AG PEF3452 Datasheet HTML 57Page - Infineon Technologies AG PEF3452 Datasheet HTML 58Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 71 page
background image
PEF 3452
TE3-LIU V1.3
Electrical Characteristics
Preliminary Data Sheet
44
2001-12-05
PRELIMINARY
6.4.3
Jitter Attenuator Reference Clock
Figure 20
XTAL Clock Timing
•
Figure 21
Recommended Crystal Circuit
Table 20
XTAL Timing Parameter Values
No.
Parameter
Limit Values
Unit
min.
typ.
max.
1
XTAL1/2 period E3
87.29
ns
XTAL1/2 period DS3
67.06
ns
XTAL1/2 period STS-1
57.87
ns
F0164
XTAL1
2
3
1
4
5
F0245
TE3-LIUTM
C
L
C
L
DS3:
STS-1:
E3:
14.912 MHz
17.280 MHz
11.456 MHz
XTAL1
XTAL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com