Electronic Components Datasheet Search
  English  ▼

X  

PEF3452 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # PEF3452
Description  Line Interface Unit for DS3, STS 1 and E3
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF3452 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button PEF3452 Datasheet HTML 8Page - Infineon Technologies AG PEF3452 Datasheet HTML 9Page - Infineon Technologies AG PEF3452 Datasheet HTML 10Page - Infineon Technologies AG PEF3452 Datasheet HTML 11Page - Infineon Technologies AG PEF3452 Datasheet HTML 12Page - Infineon Technologies AG PEF3452 Datasheet HTML 13Page - Infineon Technologies AG PEF3452 Datasheet HTML 14Page - Infineon Technologies AG PEF3452 Datasheet HTML 15Page - Infineon Technologies AG PEF3452 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
Preliminary Data Sheet
2
2001-12-05
Type
Package
PEF 3452 H V1.3
P-MQFP-44-2
Line Interface Unit for DS3, STS1 and E3
TE3-LIU™
PEF 3452
Version 1.3
PRELIMINARY
1.1
Features
• Generic analog interface for all DS3/STS-1/E3
applications
• Single chip solution for receive and transmit direction
• 3.3 V low power device
• Integrated receive equalization network
• Integrated noise and crosstalk filter
• Clock and data recovery using an integrated PLL
with ultra-low intrinsic jitter
• Transmit clock duty cycle correction PLL
• No external components required for clock and data
recovery and receive equalizer
• DSX receive line monitor (additional 20 dB gain according to ANSI T1.102)
• Low transmitter output impedances for high transmit return loss
• Disable function of the analog transmit line outputs
• Transmit pulse shaper to fulfill requirements of ANSI T1.404,
Telcordia GR-499-CORE, ANSI T1.102 and ITU-T G.703 (E3)
• Maximum line length up to 1100 ft. (using standard coaxial cable, for example AT&T
728A, 734A or 734D)
• External line length selection (LBO) is not required
• Jitter specifications of GR-499-CORE and ITU-T G.823 are met
• Integrated jitter attenuation PLL and buffer in transmit direction
• Dual or single rail digital inputs and outputs from/to the framer interface
• Selectable line codes (HDB3 (E3), B3ZS (DS3/STS-1), AMI)
• Analog and digital loss of signal detection and indication
• Automatic RDOP/RDON blanking option in case of LOS
• Bipolar violation indication
• Local loop and remote loop for diagnostic purposes
• Insertion of alarm indication signal ("all ones")
• Flexible hardware or software controlled device configuration
• Device power down function
P-MQFP-44-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com