Electronic Components Datasheet Search
  English  ▼

X  

PEF3452 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PEF3452
Description  Line Interface Unit for DS3, STS 1 and E3
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF3452 Datasheet(HTML) 1 Page - Infineon Technologies AG

  PEF3452 Datasheet HTML 1Page - Infineon Technologies AG PEF3452 Datasheet HTML 2Page - Infineon Technologies AG PEF3452 Datasheet HTML 3Page - Infineon Technologies AG PEF3452 Datasheet HTML 4Page - Infineon Technologies AG PEF3452 Datasheet HTML 5Page - Infineon Technologies AG PEF3452 Datasheet HTML 6Page - Infineon Technologies AG PEF3452 Datasheet HTML 7Page - Infineon Technologies AG PEF3452 Datasheet HTML 8Page - Infineon Technologies AG PEF3452 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
TE 3- LI U™
Li ne In ter f ace U ni t f o r
DS 3, S T S 1 an d E 3
P EF 3 45 2 V e r s i on 1 . 3
P r e l i m i na r y D ata S he et , D S 1, D ec em be r 20 01
Wir e d
C o mm unicat i ons
Nev e r
s t o p
t hi nki n g .


Similar Part No. - PEF3452

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEF3460E INFINEON-PEF3460E Datasheet
146Kb / 2P
Single channel T3/E3 Framer & Line Interface for ATM, Frame Relay and PPP/IP
2001
More results

Similar Description - PEF3452

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS3150 MAXIM-DS3150 Datasheet
399Kb / 28P
3.3V, DS3/E3/STS-1 Line Interface Unit
REV: 012505
logo
Exar Corporation
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
E3/DS3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com