Electronic Components Datasheet Search
  English  ▼

X  

ADP195 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP195
Description  Logic Controlled, High-Side Power Switch with Reverse Current Blocking
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP195 Datasheet(HTML) 1 Page - Analog Devices

  ADP195 Datasheet HTML 1Page - Analog Devices ADP195 Datasheet HTML 2Page - Analog Devices ADP195 Datasheet HTML 3Page - Analog Devices ADP195 Datasheet HTML 4Page - Analog Devices ADP195 Datasheet HTML 5Page - Analog Devices ADP195 Datasheet HTML 6Page - Analog Devices ADP195 Datasheet HTML 7Page - Analog Devices ADP195 Datasheet HTML 8Page - Analog Devices ADP195 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Logic Controlled, High-Side Power Switch
with Reverse Current Blocking
Data Sheet
ADP195
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Ultralow on resistance (RDSON)
50 mΩ @ 3.6 V
55 mΩ @ 2.5 V
65 mΩ @ 1.8 V
100 mΩ @ 1.2 V
Input voltage range: 1.1 V to 3.6 V
1.1 A maximum continuous operating current
Low enable control logic threshold can be operated from
1.2 V to 3.3 V
Low 1 μA (typical) ground current @ 1.8 V
Low 4 μA (maximum) reverse current @ 3.6 V
Ultralow shutdown current: 0.7 μA (typical) @ 1.8 V
Reverse current blocking
Tiny 4-ball wafer level chip scale package (WLCSP)
1.0 mm × 1.0 mm, 0.5 mm pitch
Tiny 6-lead lead frame chip scale package (LFCSP)
2.0 mm × 2.0 mm × 0.55 mm, 0.65 mm pitch
APPLICATIONS
Mobile phones
Digital cameras and audio devices
GPS devices
Personal media players
Portable and battery-powered equipment
TYPICAL APPLICATIONS CIRCUIT
GND
EN
+
–
LOAD
VIN
VOUT
ADP195
LEVEL SHIFT
AND SLEW
RATE CONTROL
OFF
ON
REVERSE
POLARITY
PROTECTION
Figure 1.
GENERAL DESCRIPTION
The ADP195 is a high-side load switch designed for operation
between 1.1 V to 3.6 V and protected against reverse current
flow from output to input. This load switch provides power
domain isolation helping extended power domain isolation. The
device contains a low on-resistance, P-channel MOSFET that
supports over 1.1 A of continuous current and minimizes power
loss. The low 1 μA of quiescent current and ultralow shutdown
current make the ADP195 ideal for battery-operated portable
equipment. The built-in level shifter for enable logic makes the
ADP195 compatible with many processors and GPIO
controllers.
In addition to operating performance, the ADP195 occupies
minimal printed circuit board (PCB) space with an area of less
than 1.0 mm2 and a height of 0.60 mm.
It is available in an ultrasmall 1 mm × 1 mm, 4-ball, 0.5 mm
pitch WLCSP. A 6-lead 2 mm × 2 mm × 0.55 mm, 0.65 mm
pitch LFCSP is also available.


Similar Part No. - ADP195

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP195 AD-ADP195 Datasheet
256Kb / 12P
Logic Controlled, High-Side Power Switch with Reverse Current Blocking
REV. 0
ADP195 AD-ADP195 Datasheet
261Kb / 6P
Ultralow Power, 3-Axis, Motion Activated Switch
REV. A
ADP195ACBZ-R7 AD-ADP195ACBZ-R7 Datasheet
256Kb / 12P
Logic Controlled, High-Side Power Switch with Reverse Current Blocking
REV. 0
More results

Similar Description - ADP195

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP195 AD-ADP195 Datasheet
256Kb / 12P
Logic Controlled, High-Side Power Switch with Reverse Current Blocking
REV. 0
logo
NXP Semiconductors
NX3P191 NXP-NX3P191 Datasheet
1Mb / 15P
Logic controlled high-side power switch
Rev. 2-4 November 2011
NX3P190 PHILIPS-NX3P190_15 Datasheet
990Kb / 14P
Logic controlled high-side power switch
Rev. 5-14 January 2014
NX3P191 PHILIPS-NX3P191_15 Datasheet
1Mb / 15P
Logic controlled high-side power switch
Rev. 5-14 January 2014
NX5P2924C PHILIPS-NX5P2924C Datasheet
465Kb / 20P
Logic controlled high-side power switch
Rev. 1-7 July 2015
NX5P2190 PHILIPS-NX5P2190_15 Datasheet
628Kb / 20P
Logic controlled high-side power switch
Rev. 1.1-15 January 2015
logo
Micrel Semiconductor
MIC9416X MICREL-MIC9416X Datasheet
742Kb / 12P
3A High-Side Load Switch with Reverse Blocking
logo
NXP Semiconductors
NX5P1100 NXP-NX5P1100 Datasheet
672Kb / 20P
Logic controlled high-side power switch
Rev. 1 ??21 March 2014
NX5P2924 NXP-NX5P2924 Datasheet
305Kb / 17P
Logic controlled high-side power switch
Rev. 1 ??24 February 2014
NX5P2924D NXP-NX5P2924D Datasheet
506Kb / 23P
Logic controlled high-side power switch
Rev. 1.0 ??21 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com