Electronic Components Datasheet Search
  English  ▼

X  

ADP195 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP195
Description  Logic Controlled, High-Side Power Switch with Reverse Current Blocking
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP195 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP195 Datasheet HTML 4Page - Analog Devices ADP195 Datasheet HTML 5Page - Analog Devices ADP195 Datasheet HTML 6Page - Analog Devices ADP195 Datasheet HTML 7Page - Analog Devices ADP195 Datasheet HTML 8Page - Analog Devices ADP195 Datasheet HTML 9Page - Analog Devices ADP195 Datasheet HTML 10Page - Analog Devices ADP195 Datasheet HTML 11Page - Analog Devices ADP195 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
ADP195
Rev. C | Page 11 of 12
TIMING
Turn-on delay is defined as the delta between the time that VEN
reaches >1.2 V until VOUT rises to ~10% of its final value. The
ADP195 includes circuitry to have typical 5 μs turn-on delay at
3.6 V VIN to limit the VIN inrush current. As shown in Figure 26,
the turn-on delay is dependent on the input voltage.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
5
10
15
20
25
30
35
40
TIME (µs)
VEN
VIN = 1.2V
VIN = 1.8V
VIN = 2.5V
VIN = 3.6V
Figure 26. Typical Turn-On Delay Time with Varying Input Voltage
The rise time is defined as the delta between the time from
10% to 90% of VOUT reaching its final value. It is dependent on
the RC time constant where C = load capacitance (CLOAD) and
R = RDSON||RLOAD. Because RDSON is usually smaller than RLOAD,
an adequate approximation for RC is RDSON × CLOAD. An input
or load capacitor is not needed for the ADP195; however, capacitors
can be used to suppress noise on the board. If significant load
capacitance is connected, inrush current is a concern.
CH1 2V
CH2 1V
M4µs
A CH1
2.32V
2
3
1
T 10%
VEN
BW
CH3 200mA Ω BW
VOUT
LOAD CURRENT
BW
Figure 27. Typical Rise Time and Inrush Current,
CLOAD = 1 μF, VIN = 1.8 V, No Load
CH1 2V
CH2 1V
M4µs
A CH1
2.32V
2
3
1
T 10%
VEN
BW
CH3 200mA Ω BW
VOUT
LOAD CURRENT
Figure 28. Typical Rise Time and Inrush Current,
CLOAD = 1 μF, VIN = 1.8 V, Load = 200 mA
The turn-off time is defined as the delta between the time from
90% to 10% of VOUT reaching its final value. It is also dependent on
the RC time constant.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
204060
80
100
TIME (µs)
VEN
VOUT AT 200mA
VOUT AT 100mA
Figure 29. Typical Turn-Off Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com