Electronic Components Datasheet Search
  English  ▼

X  

ADP195 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP195
Description  Logic Controlled, High-Side Power Switch with Reverse Current Blocking
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP195 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP195 Datasheet HTML 4Page - Analog Devices ADP195 Datasheet HTML 5Page - Analog Devices ADP195 Datasheet HTML 6Page - Analog Devices ADP195 Datasheet HTML 7Page - Analog Devices ADP195 Datasheet HTML 8Page - Analog Devices ADP195 Datasheet HTML 9Page - Analog Devices ADP195 Datasheet HTML 10Page - Analog Devices ADP195 Datasheet HTML 11Page - Analog Devices ADP195 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADP195
Data Sheet
Rev. C | Page 10 of 12
APPLICATIONS INFORMATION
GROUND CURRENT
The major source for ground current in the ADP195 is an internal
4 MΩ pull-down on the enable pin. Figure 22 shows the typical
ground current when VEN = VIN and varies from 1.2 V to 3.6 V.
0
2
4
6
8
10
0
50
100
150
200
250
300
350
400
450
500
LOAD (mA)
VIN = 1.2V
VIN = 1.6V
VIN = 2.0V
VIN = 2.4V
VIN = 2.8V
VIN = 3.2V
VIN = 3.4V
VIN = 3.6V
Figure 22. Ground Current vs. Load Current
As shown in Figure 23, an increase in quiescent current can occur
when VEN ≠ VIN. This is caused by the CMOS logic nature of the
level shift circuitry as it translates an VEN signal ≥ 1.2 V to a
logic high. This increase is a function of the VIN − VEN delta.
0
2
4
6
8
10
12
14
16
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
VEN (V)
VIN = 1.2V
VIN = 1.5V
VIN = 1.8V
VIN = 2.5V
VIN = 3.6V
Figure 23. Typical Ground Current when VEN ≠ VIN
ENABLE FEATURE
The ADP195 uses the EN pin to enable and disable the VOUT
pin under normal operating conditions. As shown in Figure 24,
when a rising voltage on VEN crosses the active threshold, VOUT
turns on. When a falling voltage on VEN crosses the inactive
threshold, VOUT turns off.
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1.2
0
0.4 0.5 0.6 0.7
0.1 0.2 0.3
0.8 0.9 1.0 1.1
VEN (V)
Figure 24. Typical EN Operation
As shown in Figure 24, the EN pin has hysteresis built in. This
prevents on/off oscillations that can occur due to noise on the
EN pin as it passes through the threshold points.
The EN pin active/inactive thresholds derive from the VIN voltage;
therefore, these thresholds vary with the changing input voltage.
Figure 25 shows the typical EN active/inactive thresholds when
the input voltage varies from 1.2 V to 3.6 V.
1.15
1.05
0.95
0.85
0.75
0.65
0.55
0.45
0.35
VIN (V)
EN ACTIVE
EN INACTIVE
Figure 25. Typical EN Thresholds vs. Input Voltage (VIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com