Electronic Components Datasheet Search
  English  ▼

X  

ADP195 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP195
Description  Logic Controlled, High-Side Power Switch with Reverse Current Blocking
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP195 Datasheet(HTML) 3 Page - Analog Devices

  ADP195 Datasheet HTML 1Page - Analog Devices ADP195 Datasheet HTML 2Page - Analog Devices ADP195 Datasheet HTML 3Page - Analog Devices ADP195 Datasheet HTML 4Page - Analog Devices ADP195 Datasheet HTML 5Page - Analog Devices ADP195 Datasheet HTML 6Page - Analog Devices ADP195 Datasheet HTML 7Page - Analog Devices ADP195 Datasheet HTML 8Page - Analog Devices ADP195 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADP195
Rev. C | Page 3 of 12
SPECIFICATIONS
VIN = 1.8 V, VEN = VIN, IOUT = 200 mA, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
TJ = −40°C to +85°C
1.1
3.6
V
EN INPUT
EN Input Threshold
VIH
1.1 V ≤ VIN < 1.8 V, TJ = −40°C to +85°C
0.29
1.0
V
1.8 V ≤ VIN ≤ 3.6 V, TJ = −40°C to +85°C
0.45
1.2
EN Input Pull-Down Current
IEN
VIN = 1.8 V
500
nA
VIN Shutdown Current
VEN = 0 V, VIN = 0 V, VOUT = 3.6 V
−10
nA
REVERSE BLOCKING
VOUT Current
VEN = 0 V, VIN = 0 V, VOUT = 3.6 V
4
μA
Hysteresis
|VIN − VOUT|
75
mV
CURRENT
Ground Current
IGND
VOUT = 0, includes VEN pull-down and reverse blocking
bias current, VIN = 3.6 V, TJ = −40°C to +85°C
10
μA
VOUT = 0, includes VEN pull-down and reverse blocking
bias current, VIN = 1.8 V
1
μA
Off State Current
IOFF
VEN = GND (includes reverse blocking bias current), VOUT = 0 V
0.7
μA
VEN = GND, TJ = −40°C to +85°C, VOUT = 0 V
5
μA
VIN to VOUT RESISTANCE
RDSON
WLCSP
VIN = 3.6 V, ILOAD = 200 mA, VEN = 3.6 V
0.050
Ω
VIN = 2.5 V, ILOAD = 200 mA, VEN = 2.5 V
0.055
Ω
VIN = 1.8 V, ILOAD = 200 mA, VEN = 1.8 V
0.065
Ω
VIN = 1.8 V, ILOAD = 200 mA, VEN = 1.8 V, TJ = −40°C to +85°C
0.095
Ω
VIN = 1.5 V, ILOAD = 200 mA, VEN = 1.5 V
0.075
Ω
VIN = 1.2 V, ILOAD = 200 mA, VEN = 1.2 V
0.100
Ω
LFCSP
VIN = 3.6 V, ILOAD = 200 mA, VEN = 3.6 V
0.070
Ω
VIN = 2.5 V, ILOAD = 200 mA, VEN = 2.5 V
0.078
Ω
VIN = 1.8 V, ILOAD = 200 mA, VEN = 1.8 V
0.090
Ω
VIN = 1.8 V, ILOAD = 200 mA, VEN = 1.8 V, TJ = −40°C to +85°C
0.130
Ω
VIN = 1.5 V, ILOAD = 200 mA, VEN = 1.5 V
0.097
Ω
VIN = 1.2 V, ILOAD = 200 mA, VEN = 1.2 V
0.125
Ω
VOUT TURN-ON DELAY TIME
Turn-On Delay Time
tON_DLY
VIN = 1.8 V, ILOAD = 200 mA, VEN = 1.8 V, CLOAD = 1 μF
5
μs
VIN = 3.6 V, ILOAD = 200 mA, VEN = 3.6 V, CLOAD = 1 μF
1.5
μs
TIMING DIAGRAM
VEN
VOUT
TURN-ON
RISE
90%
10%
TURN-OFF
DELAY
TURN-OFF
FALL
TURN-ON
DELAY
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com