Electronic Components Datasheet Search
  English  ▼

X  

TXB0101DBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TXB0101DBVT
Description  1-Bit Bidirectional Level-Shifting and Voltage Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXB0101DBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button TXB0101DBVT Datasheet HTML 12Page - Texas Instruments TXB0101DBVT Datasheet HTML 13Page - Texas Instruments TXB0101DBVT Datasheet HTML 14Page - Texas Instruments TXB0101DBVT Datasheet HTML 15Page - Texas Instruments TXB0101DBVT Datasheet HTML 16Page - Texas Instruments TXB0101DBVT Datasheet HTML 17Page - Texas Instruments TXB0101DBVT Datasheet HTML 18Page - Texas Instruments TXB0101DBVT Datasheet HTML 19Page - Texas Instruments TXB0101DBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
GND
B
VCCB
LEGEND
VIA to Power Plane
VIA to GND Plane (Inner Layer)
Polygonal Copper Pour
VCCA
1
2
3
A
Keep OE low until VCCA and VCCB
are powered up
6
5
4
Bypass Capacitor
Bypass Capacitor
OE
TXB0101
To/From
Controller/System
To/From
Controller/System
TXB0101
SCES639C – JANUARY 2007 – REVISED JUNE 2015
www.ti.com
10 Power Supply Recommendations
During operation, ensure that VCCA ≤ VCCB at all times. During power up sequencing, VCCA ≥ VCCB does not
damage the device, so any power supply can be ramped up first. The TXB0101 has circuitry that disables all
output ports when either VCC is switched off (VCCA/B = 0 V). The output-enable (OE) input circuit is designed so
that it is supplied by VCCA and when the (OE) input is low, all outputs are placed in the high-impedance state. To
ensure the high-impedance state of the outputs during power up or power down, the OE input pin must be tied to
GND through a pulldown resistor and must not be enabled until VCCA and VCCB are fully ramped and stable. The
minimum value of the pulldown resistor to ground is determined by the current-sourcing capability of the driver
11 Layout
11.1 Layout Guidelines
To ensure reliability of the device, following common printed-circuit board layout guidelines is recommended.
•
Bypass capacitors should be used on power supplies. And should be placed as close as possible to the VCCA,
VCCB pin and GND pin.
•
Short trace lengths should be used to avoid excessive loading.
•
PCB signal trace-lengths must be kept short enough so that the round-trip delay of any reflection is less than
the one shot duration, approximately 10 ns, ensuring that any reflection encounters low impedance at the
source driver.
11.2 Layout Example
Figure 9. Layout Example Recommendation
16
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TXB0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com