Electronic Components Datasheet Search
  English  ▼

X  

TXB0101DBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TXB0101DBVT
Description  1-Bit Bidirectional Level-Shifting and Voltage Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXB0101DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TXB0101DBVT Datasheet HTML 8Page - Texas Instruments TXB0101DBVT Datasheet HTML 9Page - Texas Instruments TXB0101DBVT Datasheet HTML 10Page - Texas Instruments TXB0101DBVT Datasheet HTML 11Page - Texas Instruments TXB0101DBVT Datasheet HTML 12Page - Texas Instruments TXB0101DBVT Datasheet HTML 13Page - Texas Instruments TXB0101DBVT Datasheet HTML 14Page - Texas Instruments TXB0101DBVT Datasheet HTML 15Page - Texas Instruments TXB0101DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
4k
4k
A
B
VCCA
VCCB
One
Shot
One
Shot
One
Shot
One
Shot
T1
T2
T3
T4
TXB0101
SCES639C – JANUARY 2007 – REVISED JUNE 2015
www.ti.com
Feature Description (continued)
Figure 5. Architecture of TXB0101 I/O Cell
8.3.2 Power Up
During operation, ensure that VCCA ≤ VCCB at all times. During power up sequencing, VCCA ≥ VCCB does not
damage the device, so any power supply can be ramped up first. The TXB0101 has circuitry that disables all
output ports when either VCC is switched off (VCCA/B = 0 V) and are placed in high-impedance state.
8.3.3 Enable and Disable
The TXB0101 has an OE input that is used to disable the device by setting OE = low, which places all I/Os in the
high-impedance (Hi-Z) state. The disable time (tdis) indicates the delay between when OE goes low and when the
outputs are actually disabled (Hi-Z). The enable time (ten) indicates the amount of time the user must allow for
the one-shot circuitry to become operational after OE is taken high.
8.3.4 Pullup or Pulldown Resistors on I/O Lines
The TXB0101 is designed to drive capacitive loads of up to 70 pF. The output drivers of the TXB0101 have low-
DC drive strength. If pullup or pulldown resistors are connected externally to the data I/Os, their values must be
kept higher than 50 k
Ω to ensure that they do not contend with the output drivers of the TXB0101.
For the same reason, the TXB0101 should not be used in applications such as I2C or 1-Wire where an open-
drain driver is connected on the bidirectional data I/O. For these applications, use a device from the TI TXS010X
series of level translators.
8.4 Device Functional Modes
The TXB0101 device has two functional modes, enabled and disabled. To disable the device set the OE input
low, which places all I/Os in a high-impedance state. Setting the OE input high will enable the device.
12
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TXB0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com