Electronic Components Datasheet Search
  English  ▼

X  

TXB0101DBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TXB0101DBVT
Description  1-Bit Bidirectional Level-Shifting and Voltage Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXB0101DBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TXB0101DBVT Datasheet HTML 10Page - Texas Instruments TXB0101DBVT Datasheet HTML 11Page - Texas Instruments TXB0101DBVT Datasheet HTML 12Page - Texas Instruments TXB0101DBVT Datasheet HTML 13Page - Texas Instruments TXB0101DBVT Datasheet HTML 14Page - Texas Instruments TXB0101DBVT Datasheet HTML 15Page - Texas Instruments TXB0101DBVT Datasheet HTML 16Page - Texas Instruments TXB0101DBVT Datasheet HTML 17Page - Texas Instruments TXB0101DBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
A. V is the input threshold voltage of the TXB0101 (typically
/2.
B.
T
V
V is the supply voltage of the external driver.
CCI
D
–(V – V )/4 k
D
T
V /4 k
T
V
IN
I
IN
TXB0101
SCES639C – JANUARY 2007 – REVISED JUNE 2015
www.ti.com
9.2.1.1 Input Driver Requirements
Typical IIN vs VIN characteristics of the TXB0101 are shown in Figure 7. For proper operation, the device driving
the data I/Os of the TXB0101 must have drive strength of at least ±2 mA.
Figure 7. Typical IIN vs VIN Curve
9.2.2 Detailed Design Procedure
To begin the design process, determine the following:
•
Input voltage range
–
Use the supply voltage of the device that is driving the TXB0101 device to determine the input voltage
range. For a valid logic HIGH the value must exceed the VIH of the input port. For a valid logic LOW the
value must be less than the VIL of the input port.
•
Output voltage range
–
Use the supply voltage of the device that the TXB0101 device is driving to determine the output voltage
range.
–
External pullup or pulldown resistors are not recommended. If mandatory, TI recommends the value
should be larger than 50 k
Ω.
•
An external pulldown or pullup resistor decreases the output VOH and VOL. Use Equation 1 and Equation 2 to
draft estimate the VOH and VOL as a result of an external pulldown and pullup resistor.
VOH = VCCx × RPD / (RPD + 4.5 kΩ)
(1)
VOL = VCCx × 4.5 kΩ / (RPU + 4.5 kΩ)
where
•
VCCx is the output port supply voltage on either VCCA or VCCB
•
RPD is the value of the external pulldown resistor
•
RPU is the value of the external pullup resistor
•
4.5 k
Ω is the counting the variation of the serial resistor 4 kΩ in the I/O line.
(2)
14
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TXB0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com