Electronic Components Datasheet Search
  English  ▼

X  

RF430CL330HCPWR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL330HCPWR
Description  Dynamic NFC Interface Transponder
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL330HCPWR Datasheet(HTML) 29 Page - Texas Instruments

Back Button RF430CL330HCPWR Datasheet HTML 25Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 26Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 27Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 28Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 29Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 30Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 31Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 32Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
RF430CL330H
www.ti.com
SLAS916C – NOVEMBER 2012 – REVISED NOVEMBER 2014
5.8
NFC Type-4 Tag Functionality
This device is an ISO14443B-compliant transponder that operates according to the NFC Forum Tag Type-
4 specification and supports the NFC Forum NDEF (NFC Data Exchange Format) requirements. Through
the RF interface, the user can read and update the contents in the NDEF memory. The contents in the
NDEF memory (stored in SRAM) are stored as long as power is maintained.
NOTE
This device does not have nonvolatile memory; therefore, the information stored in the NDEF
memory is lost when power is removed.
This device does not support the peer-to-peer or reader/writer modes in the ISO18092/NFC Forum
specification. All RF communication between an NFC forum device and this device is in the passive tag
mode. The device responds by load modulation and is not considered an intentional radiator.
This device is intended to be used in applications where the primary reader/writer is for example an NFC-
enabled cell phone. The device enables data transfer to and from an NFC phone by RF to the host
application that is enabled with the dual interface device. In this case, the host application can be
considered the destination device, and the cell phone or other type of mobile device is treated as the end-
point device.
This device supports ISO14443-3, ISO14443-4, and NFC Forum commands as described in the following
sections. A high-level overview of the ISO14443B and NFC commands and responses are shown in
Figure 5-10.
106-kbps, 212-kbps, 424-kbps, and 848-kbps data rates are supported.
The device always answers ATTRIB commands from the PCD that request higher data rates. Note, this is
not NFC-compliant, because for NFC-B the maximum data rate specified is 106 kbps. It is assumed that
an NFC-compliant PCD would not request higher data rates thus no interoperability issues are expected.
Even though all data rates up to 848 kbps are supported, the device by default reports only the capability
to support 106 kbps to the PCD. To change this behavior, use the sequence described in Section 5.8.3.
The ISO14443B command and response structure is detailed in ISO14443-3, ISO14443-4, and NFC
Forum-TS-Digital Protocol. The applicable ISO7816-4 commands are detailed in NFC Forum-TS-Type-4-
Tag_2.0.
Copyright © 2012–2014, Texas Instruments Incorporated
Detailed Description
29
Submit Documentation Feedback
Product Folder Links: RF430CL330H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com