Electronic Components Datasheet Search
  English  ▼

X  

RF430CL330HCPWR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL330HCPWR
Description  Dynamic NFC Interface Transponder
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL330HCPWR Datasheet(HTML) 33 Page - Texas Instruments

Back Button RF430CL330HCPWR Datasheet HTML 29Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 30Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 31Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 32Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 33Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 34Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 35Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 36Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
RF430CL330H
www.ti.com
SLAS916C – NOVEMBER 2012 – REVISED NOVEMBER 2014
5.9
NDEF Memory
This device implements 3KB of SRAM memory that must be written with the NDEF Application data.
Table 5-31 shows the mandatory structure. The data can be accessed through the RF interface only after
the NDEF memory is correctly initialized through the serial interface (I2C or SPI).
While writing into the NDEF memory, the RF interface must be disabled by clearing the Enable RF bit in
the General Control register. After the NDEF memory is properly initialized, the RF interface can be
enabled be setting the Enable RF bit in the General Control register to 1. When the RF interface is
enabled, the basic NDEF structure is checked for correctness. If an error in the structure is detected, the
NDEF Error IRQ is triggered, and the RF interface remains disabled (the Enable RF bit in the General
Control register is cleared to 0).
If the NDEF application data must be modified through the serial interface after the RF interface is
enabled, it is recommended to read the RF Busy bit in the Status register. If the RF interface is busy,
defer disabling the RF interface until the RF transaction is completed (indicated by RF Busy bit = 0).
Figure 5-11 shows the recommended flow how to control the access to the NDEF memory.
The address range for the NDEF memory is 0x0000 to 0x0BFF.
Table 5-31. NDEF Application Data (Mandatory)
2B - CCLen
1B - Mapping version
2B - MLe = 000F9h
2B - MLc = 000F6h
Capability Container
1B - Tag = 04h
Selectable by File ID
1B - Len = 06h
NDEF Application
= E103h
The NDEF file
2B - File Identifier
NDEF File Ctrl TLV
control TLV is
Selectable
by
Name
=
2B - Max file size
mandatory
D2_7600_0085_0101h
6B - Val
1B - Read access
1B - Write access
2B - Len
NDEF File
Mandatory NDEF
xB - Binary NDEF file content
file
Selectable by File ID
yB - Unused if Len < Max file size in File Ctrl TLV
= xxyyh
Copyright © 2012–2014, Texas Instruments Incorporated
Detailed Description
33
Submit Documentation Feedback
Product Folder Links: RF430CL330H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com