Electronic Components Datasheet Search
  English  ▼

X  

RF430CL330HCPWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL330HCPWR
Description  Dynamic NFC Interface Transponder
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL330HCPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button RF430CL330HCPWR Datasheet HTML 5Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 6Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 7Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 8Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 9Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 10Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 11Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 12Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
SDA
SCL
1/fSCL
tHD,DAT
tSU,DAT
tHD,STA
tSU,STA
tHD,STA
tSU,STO
tSP
RF430CL330H
www.ti.com
SLAS916C – NOVEMBER 2012 – REVISED NOVEMBER 2014
4.9
Serial Communication Protocol Timings
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tSPIvsI2C
Time after power-up or reset until SCMS/CS is sampled for SPI or I2C decision(1)
1
10
ms
tReady
Time after power-up or reset until device is ready to communicate using SPI or I2C(2)
20
ms
(1)
The SCMS/CS pin is sampled after tSPIvsI2C(MIN) at the earliest and after tSPIvsI2C(MAX) at the latest.
(2)
The device is ready to communicate after tReady(MAX) at the latest.
4.10 I
2C Interface
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 4-1)
TEST
PARAMETER
VCC
MIN
TYP
MAX
UNIT
CONDITIONS
SCL clock frequency (with Master supporting clock
stretching according to I2C standard, or when the device is
3.3 V
0
400
kHz
not being addressed)
fSCL
write
3.3 V
0
120
kHz
SCL clock frequency (device being addressed by Master
not supporting clock stretching)
read
3.3 V
0
100
kHz
fSCL ≤ 100 kHz
4
tHD,STA
Hold time (repeated) START
3.3 V
µs
fSCL > 100 kHz
0.6
fSCL ≤ 100 kHz
4.7
tSU,STA
Setup time for a repeated START
3.3 V
µs
fSCL > 100 kHz
0.6
tHD,DAT
Data hold time
3.3 V
0
ns
tSU,DAT
Data setup time
3.3 V
250
ns
tSU,STO
Setup time for STOP
3.3 V
4
µs
tSP
Pulse duration of spikes suppressed by input filter
3.3 V
6.25
75
ns
Figure 4-1. I2C Mode Timing
Copyright © 2012–2014, Texas Instruments Incorporated
Specifications
9
Submit Documentation Feedback
Product Folder Links: RF430CL330H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com