Electronic Components Datasheet Search
  English  ▼

X  

RF430CL330HCPWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL330HCPWR
Description  Dynamic NFC Interface Transponder
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL330HCPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button RF430CL330HCPWR Datasheet HTML 6Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 7Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 8Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 9Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 10Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 11Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 12Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 13Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
SCK
Mode 0
Mode 3
SO
SI
t
SU,SI
t
HD,SI
t
VALID,SO
t
HIGH
1/f
SCK
t
LOW
CS
t
SU,CS
t
HD,CS
t
CS,HIGH
RF430CL330H
SLAS916C – NOVEMBER 2012 – REVISED NOVEMBER 2014
www.ti.com
4.11 SPI Interface
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
write
3.3 V
0
100
kHz
fSCK
SCK clock frequency
read
3.3 V
0
110
kHz
tHIGH,CS
CS high time
3.3 V
50
µs
tSU,CS
CS setup time
3.3 V
25
µs
tHD,CS
CS hold time
3.3 V
100
ns
tHIGH
SCK high time
3.3 V
100
ns
tLOW
SCK low time
3.3 V
100
ns
tSU,SI
Data In (SI) setup time
3.3 V
50
ns
tHD,SI
Data In (SI) hold time
3.3 V
50
ns
tVALID,SO
Output (SO) valid
3.3 V
0
50
ns
tHOLD,SO
Output (SO) hold time
3.3 V
0
ns
Figure 4-2. SPI Mode Timing
10
Specifications
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL330H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com