Electronic Components Datasheet Search
  English  ▼

X  

RF430CL331H Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL331H
Description  NFC Type 4B Dynamic Dual Interface Transponder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL331H Datasheet(HTML) 33 Page - Texas Instruments

Back Button RF430CL331H Datasheet HTML 29Page - Texas Instruments RF430CL331H Datasheet HTML 30Page - Texas Instruments RF430CL331H Datasheet HTML 31Page - Texas Instruments RF430CL331H Datasheet HTML 32Page - Texas Instruments RF430CL331H Datasheet HTML 33Page - Texas Instruments RF430CL331H Datasheet HTML 34Page - Texas Instruments RF430CL331H Datasheet HTML 35Page - Texas Instruments RF430CL331H Datasheet HTML 36Page - Texas Instruments RF430CL331H Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
1. Select, Read,
Write Type 4
command sent
to PICC
2. PICC
prepares
registers and
issues an
interrupt to host
controller
PICC starts
internal timer
(defaults to
55 ms)
3. Host controller has 55 ms
to service the interrupt
Host controller has not
serviced the interrupt
(Host response register Bit
0 not set)
I2C_READY
I2C_SIGNAL
4. PICC formats a
S(WTX) request
(see SWTX register)
and sends it over RF
5. Host controller has
this time to service the
interrupt
6. After this point,
PCD/Mobile either
sends a NACK
(which will not be
handled) or a
Deselect
command and
cycles the RF field
INTO
Asserted
I2C (possible case)
Activity
Activity
0 ms ± First time-out time
Second time-out time
PCD stops listening and
issues a packet.
This time varies from PCD
to PCD.
55 ms
Block Sent
1. PCD ± UpdateBinary Command
Reading out this block
3. Host ± Service Request
0
Entire Buffer Space (not to scale)
7. Repeats
4. PCD ± Sending more data
2. PICC ± Automatic Acknowledgment
and General Type 4 Interrupt
Block Available
Storing in temp buffer
Concurrent
6. PICC ± Automatic Acknowledgment
and General Type 4 Interrupt
From temp buffer
5. Host ± Finishes reading out block
N (<255 bytes)
RF430CL331H
www.ti.com
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
5.9.5.1
NDEF Write Procedure (Nonblocking) Internal Buffer Handling
Figure 5-16. Write System Flow (Nonblocking)
The main difference in a nonblocking write operation is that when the data packet has been received from
the PCD, the host controller is reading out the packet while the next one is being sent in (see Steps 3 and
4 in Figure 5-16). Data is received into a temporary buffer and when the last packet has been read out,
the data in the temporary buffer is copied into the standard buffer so the data can be accessed by the host
controller.
5.10 RF Command Response Timing Limits
Meeting specification timing is an important part of designing a stable and reliable system. There are
various timing parameters that must be considered in this system, and one of the most important is the RF
command response time.
The RF430CL331H negotiates the maximum allowable FWI timing (frame waiting time integer). This
negotiated setting is the maximum of 8 (NFC Digital Protocol Section A.2, NFC-B Technology, FWIMAX),
giving the time of approximately 77 ms. This is the time that the PCD allows to respond to any command.
The RF430CL331H implements an internal timer monitoring this FWI timing specification. The internal
timer defaults to approximately 55 ms instead of 77 ms due to variations in the internal oscillator
frequency. The 55 ms allows meeting the 77-ms specification across all devices reliably.
Figure 5-17 gives the command response timings. A detailed description follows.
Figure 5-17. Timing Limits
Copyright © 2015, Texas Instruments Incorporated
Detailed Description
33
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com