Electronic Components Datasheet Search
  English  ▼

X  

RF430CL331H Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL331H
Description  NFC Type 4B Dynamic Dual Interface Transponder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL331H Datasheet(HTML) 44 Page - Texas Instruments

Back Button RF430CL331H Datasheet HTML 40Page - Texas Instruments RF430CL331H Datasheet HTML 41Page - Texas Instruments RF430CL331H Datasheet HTML 42Page - Texas Instruments RF430CL331H Datasheet HTML 43Page - Texas Instruments RF430CL331H Datasheet HTML 44Page - Texas Instruments RF430CL331H Datasheet HTML 45Page - Texas Instruments RF430CL331H Datasheet HTML 46Page - Texas Instruments RF430CL331H Datasheet HTML 47Page - Texas Instruments RF430CL331H Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
RF430CL331H
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
www.ti.com
5.11.8 Host Response Register
This register is used, after an interrupt is asserted by the RF430CL331H. It communicates various
responses from the host controller. The actual interrupt flag clearing must happen immediately before
setting the response in this register.
Table 5-31. Host Response Register
ADDRESS
15
14
13
12
11
10
9
8
0xFFEB
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
ADDRESS
7
6
5
4
3
2
1
0
Use Custom
Extra Data
Interrupt
0xFFEA
Reserved
Reserved
Reserved
Reserved
SW
File Exists
Sent In
Serviced
Response
Table 5-32. Host Response Register Description
BIT
FIELD
TYPE
RESET
DESCRIPTION
15-4
Reserved
R/W
0
Reserved for future use. Write with 0.
This may only be set if the Read Prefetch interrupt has been asserted. This is
possible only after a Read Binary command. This indicates to the
RF430CL331H that extra data has been written to the buffer during RF data
transmission to a previous Read Binary command. To enable this feature, the
3
Extra Data Sent In
R/W
0
Extra Data Interrupt Enable must be set. This also called Prefetch on Read.
0b = No extra data has been written.
1b = Extra data has been written. Update buffer size.
This sets whether or not a custom SW (status word) should be responded to a
NFC Type 4 command (Select, Read Binary, Update Binary).
2
Use Custom SW Response
R/W
0
0b = Default response to the PCD.
1b = Custom response to the PCD. The actual SW response is taken from the
Custom SW Response Register.
This is the response to the interrupt of General Type 4 Request with status of
file select.
1
File Exists
R/W
0
0b = File named in the NDEF File Identifier Register does not exist.
1b = File named in the NDEF File Identifier Register does exist.
Setting this bit high after an interrupt (this applies only to General Type 4
Requests IRQ) has been asserted by the RF430CL331H indicates that the
interrupt has been completely serviced. The actual interrupt flag clearing must
happen immediately before setting this register.
0
Interrupt Serviced
R/W
0
0b = The interrupt is in the process of being serviced by the host controller
1b = The interrupt has been serviced, RF430CL331H to start processing the
response
44
Detailed Description
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com