Electronic Components Datasheet Search
  English  ▼

X  

RF430CL331H Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL331H
Description  NFC Type 4B Dynamic Dual Interface Transponder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL331H Datasheet(HTML) 47 Page - Texas Instruments

Back Button RF430CL331H Datasheet HTML 43Page - Texas Instruments RF430CL331H Datasheet HTML 44Page - Texas Instruments RF430CL331H Datasheet HTML 45Page - Texas Instruments RF430CL331H Datasheet HTML 46Page - Texas Instruments RF430CL331H Datasheet HTML 47Page - Texas Instruments RF430CL331H Datasheet HTML 48Page - Texas Instruments RF430CL331H Datasheet HTML 49Page - Texas Instruments RF430CL331H Datasheet HTML 50Page - Texas Instruments RF430CL331H Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
RF430CL331H
www.ti.com
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
5.11.13 Custom Status Word Response Register
On a NFC Type 4 command (Select, Read Binary, Update Binary), the response contains a status word
(SW). This indicates whether or not the request was successful. By default, the RF430CL331H handles
the SW responses automatically with predefined values. However, if custom responses are needed, for
custom error status word responses, this feature may be used.
When the Use Custom SW Response is set in the Host Response register, the RF430CL331H firmware
uses the SW set here to respond to the command.
Table 5-41. Custom Status Word Response Register
ADDRESS
15
14
13
12
11
10
9
8
0xFFDB
Custom Status Word Response MSB
ADDRESS
7
6
5
4
3
2
1
0
0xFFDA
Custom Status Word Response LSB
Table 5-42. Custom Status Word Response Register Description
BIT
FIELD
TYPE
RESET
DESCRIPTION
Custom Status Word
15-8
R/W
0
Custom status word 1 (SW1).
Response MSB
Custom Status Word
7-0
R/W
0
Custom status word 2 (SW2).
Response LSB
Copyright © 2015, Texas Instruments Incorporated
Detailed Description
47
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com