Electronic Components Datasheet Search
  English  ▼

X  

RF430CL331H Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL331H
Description  NFC Type 4B Dynamic Dual Interface Transponder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL331H Datasheet(HTML) 35 Page - Texas Instruments

Back Button RF430CL331H Datasheet HTML 31Page - Texas Instruments RF430CL331H Datasheet HTML 32Page - Texas Instruments RF430CL331H Datasheet HTML 33Page - Texas Instruments RF430CL331H Datasheet HTML 34Page - Texas Instruments RF430CL331H Datasheet HTML 35Page - Texas Instruments RF430CL331H Datasheet HTML 36Page - Texas Instruments RF430CL331H Datasheet HTML 37Page - Texas Instruments RF430CL331H Datasheet HTML 38Page - Texas Instruments RF430CL331H Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
RF430CL331H
www.ti.com
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
5.11 Registers
NOTE
All 16-bit registers are in little-endian format: the least significant byte with bits 7-0 is at the
lowest address (this address is always even). The most significant byte with bits 15-8 is at
the highest address (this address is always odd).
5.11.1 General Control Register
Table 5-10. General Control Register
ADDRESS
15
14
13
12
11
10
9
8
Automatic
0xFFFF
Reserved
ACK On
Write
ADDRESS
7
6
5
4
3
2
1
0
Standby
0xFFFE
Reserved
BIP-8
INTO Drive
INTO High
Enable INT
Enable RF
SW-Reset
Enable
Table 5-11. General Control Register Description
BIT
FIELD
TYPE
RESET
DESCRIPTION
15-9
Reserved
R
0
Reserved for future use. Write with 0.
Enabling this bit causes an automatic acknowledgment to be sent when an
Update Binary command is received. The buffer must be read out immediately
(possibly while a new Update Binary command is being received over RF).
8
Automatic ACK On Write
R/W
0
0b = Manual acknowledgment of Update Binary command
1b = Automatic acknowledgment of Update Binary command
7
Reserved
R/W
0
Enables a low-power standby mode. The standby mode is entered if the RF
interface is disabled, the communication watchdog is disabled, and no serial
communication is ongoing.
6
Standby Enable
R/W
0
0b = Standby mode disabled
1b = Standby mode enabled
Enables BIP-8 communication mode (bit interleaved parity).
If BIP-8 is enabled, a separate running tally is kept of the parity (that is, the
number of ones that occur) for every bit position in the bytes included in the
BIP-8 calculation. The corresponding bit position of the BIP-8 byte is set to 1 if
the parity is currently odd and is set to 0 if the parity is even – resulting in an
overall even parity for each bit position including the BIP-8 byte.
5
BIP-8
R/W
0
All communication when this bit is set must follow the conventions defined in
the BIP-8 communication mode sections in Section 5.6.2.
0b = BIP-8 communication mode disabled
1b = BIP-8 communication mode enabled
Configuration of the interrupt output pin INTO
0b = Pin is Hi-Z if there is no pending interrupt. Application provides an external
pullup resistor if bit 3 (INTO High) = 0. Application provides an external pull-
4
INTO Drive
R/W
0
down resistor if bit 3 (INTO High) = 1.
1b = Pin is actively driven high or low if there is no pending interrupt. It is driven
high if bit 3 (INTO High) = 0. It is driven low if bit 3 (INTO High) = 1.
Configuration of the interrupt output pin INTO
3
INTO High
R/W
0
0b = Interrupts are signaled with an active low
1b = Interrupts are signaled with an active high
Copyright © 2015, Texas Instruments Incorporated
Detailed Description
35
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com