Electronic Components Datasheet Search
  English  ▼

X  

GS1661 Datasheet(PDF) 55 Page - Semtech Corporation

Part # GS1661
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661 Datasheet(HTML) 55 Page - Semtech Corporation

Back Button GS1661 Datasheet HTML 51Page - Semtech Corporation GS1661 Datasheet HTML 52Page - Semtech Corporation GS1661 Datasheet HTML 53Page - Semtech Corporation GS1661 Datasheet HTML 54Page - Semtech Corporation GS1661 Datasheet HTML 55Page - Semtech Corporation GS1661 Datasheet HTML 56Page - Semtech Corporation GS1661 Datasheet HTML 57Page - Semtech Corporation GS1661 Datasheet HTML 58Page - Semtech Corporation GS1661 Datasheet HTML 59Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
GS1661 HD/SD SDI Receiver
Data Sheet
53751 - 3
September 2012
55 of 84
must program the DID and/or SDID of that ancillary data type. In the case where no DID
or SDID values are programmed, the GS1661 indicates the presence of all ancillary data.
In the case where one or more, DID and/or SDID values have been programmed, then
only those matching data types are detected and indicated.
The timing of the Y/1ANC and C/2ANC signals in this case is as shown in Figure 4-21.
The GS1661 compares the received DID and/or SDID with the programmed values. If a
match is found, ancillary data is indicated.
For any DID or SDID value set to zero, no comparison or match is made. For example, if
the DID is programmed and the SDID is not programmed, the GS1661 only detects a
match to the DID value.
If both DID and SDID values are non-zero, then the received ancillary data type must
match both the DID and SDID before Y/1ANC and/or C/2ANC is set HIGH.
NOTE: SMPTE 352M Payload Identifier packets and Error Detection and Handling
(EDH) Packets are always detected by the GS1661, irrespective of the settings of the
ANC_TYPE registers.
4.16.2 SMPTE 352M Payload Identifier
The GS1661 automatically extracts the SMPTE 352M payload identifier present in the
input data stream for SD and HD signals. The four word payload identifier packets are
written to VIDEO_FORMAT_X_DS1 and VIDEO_FORMAT_X_DS2 bits accessible
through the host interface.
The device also indicates the version of the payload packet in the VERSION_352M bit of
the DATA_FORMAT_DSX register. When the SMPTE 352M packet is formatted as a
“version 1” packet, the VERSION_352M bit is set HIGH, when the packet is formatted as
a “version 2” packet, this bit is set LOW.
The VIDEO_FORMAT_352_A_X and VIDEO_FORMAT_352_B_X registers are only
updated if there are no checksum errors in the received SMPTE 352M packets.
By default (at power up or after system reset), the VIDEO_FORMAT_X_DS1 and
VIDEO_FORMAT_X_DS2 bits are set to 0, indicating an undefined format.
4.16.2.1 SMPTE 352M Payload Identifier Usage
The SMPTE 352M Payload Identifier is used to confirm the video format identified by the
Automatic Video Standards Detection block (see Section 4.16.4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com