Electronic Components Datasheet Search
  English  ▼

X  

GS1661 Datasheet(PDF) 32 Page - Semtech Corporation

Part # GS1661
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661 Datasheet(HTML) 32 Page - Semtech Corporation

Back Button GS1661 Datasheet HTML 28Page - Semtech Corporation GS1661 Datasheet HTML 29Page - Semtech Corporation GS1661 Datasheet HTML 30Page - Semtech Corporation GS1661 Datasheet HTML 31Page - Semtech Corporation GS1661 Datasheet HTML 32Page - Semtech Corporation GS1661 Datasheet HTML 33Page - Semtech Corporation GS1661 Datasheet HTML 34Page - Semtech Corporation GS1661 Datasheet HTML 35Page - Semtech Corporation GS1661 Datasheet HTML 36Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 84 page
background image
GS1661 HD/SD SDI Receiver
Data Sheet
53751 - 3
September 2012
32 of 84
Figure 4-4: PCLK to Data and Control Signal Output Timing - SDR Mode 2
The GS1661 has a 20-bit output parallel bus, which can be configured for different
output formats as shown in Table 4-5.
I/O Timing Specs:
DBUS[9:0]
PCLK_OUT
Cb0
Cr0
Cb1
13.468ns (HD 20-bit)
74.074ns (SD 20-bit)
20%
80%
tr
20%
80%
tf
Cr1
20-bit SDR Mode:
toh
tod
DBUS[19:10]
Y0
Y1
Y2
Y3
toh
tr/tf (min)
Cload
tod
tr/tf (max)
Cload
toh
tr/tf (min)
Cload
tod
tr/tf (max)
Cload
dbus
1.000ns
0.400ns
3.700ns
1.400ns
1.000ns
0.400ns
3.700ns
1.400ns
stat
1.000ns
0.500ns
4.100ns
1.600ns
1.000ns
0.400ns
4.400ns
1.500ns
20bHD Mode
3.3V
6 pF
15 pF
1.8V
6 pF
15 pF
toh
tr/tf (min)
Cload
tod
tr/tf (max)
Cload
toh
tr/tf (min)
Cload
tod
tr/tf (max)
Cload
dbus
38.000ns
0.400ns
41.000ns
1.400ns
38.000ns
0.400ns
41.000ns
1.400ns
stat
38.000ns
0.500ns
41.000ns
1.600ns
38.000ns
0.400ns
41.000ns
1.500ns
20bSD Mode
3.3V
1.8V
6 pF
15 pF
6 pF
15 pF
Table 4-5: GS1661 Output Video Data Format Selections
Output Data
Format
Pin/Register Bit Settings
DOUT[9:0]
DOUT[19:10]
20BIT
/10BIT
RATE_
SEL
SMPTE_
BYPASS
DVB-ASI
20-bit
demultiplexed HD
format
HIGHLOW
HIGHLOW
Chroma
Luma
20-bit data output
HD format
HIGH
LOW
LOW
LOW
DATA
DATA
20-bit
demultiplexed SD
format
HIGHHIGHHIGHLOW
Chroma
Luma
20-bit data output
SD format
HIGHHIGH
LOW
LOW
DATA
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com