Electronic Components Datasheet Search
  English  ▼

X  

GS1661 Datasheet(PDF) 28 Page - Semtech Corporation

Part # GS1661
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button GS1661 Datasheet HTML 24Page - Semtech Corporation GS1661 Datasheet HTML 25Page - Semtech Corporation GS1661 Datasheet HTML 26Page - Semtech Corporation GS1661 Datasheet HTML 27Page - Semtech Corporation GS1661 Datasheet HTML 28Page - Semtech Corporation GS1661 Datasheet HTML 29Page - Semtech Corporation GS1661 Datasheet HTML 30Page - Semtech Corporation GS1661 Datasheet HTML 31Page - Semtech Corporation GS1661 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
GS1661 HD/SD SDI Receiver
Data Sheet
53751 - 3
September 2012
28 of 84
Figure 4-2: 27MHz Clock Sources
External Crystal Connection
XTAL1
XTAL2
XTAL1
XTAL2
External Clock Source Connection
16pF
16pF
External
Clock
NC
K6
K6
J6
J6
Notes:
1. Capacitor values listed represent the total capacitance,
including discrete capacitance and parasitic board capacitance.
2.XTAL1 serves as an input, which may alternatively accept a 27MHz clock
source.
Table 4-3: Input Clock Requirements
Parameter
Min
Typ
Max
UOM
Notes
XTAL1 Low Level Input Voltage
(Vil)
−−
20% of VDD_IO
V
3
XTAL1 High Level Input
Voltage (Vih)
80% of VDDIO
−−
V3
XTAL1 Input Slew Rate
2
−−
V/ns
3
XTAL1 to XOUT Prop. Delay
(High to Low)
1.3
1.5
2.3
ns
3
XTAL1 to XOUT Prop. Delay
(Low to High)
1.3
1.6
2.3
ns
3
NOTES:
Valid when the cell is used to buffer an external clock source which is connected to the XTAL1 pin, then nothing should be
connected to the XTAL2 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com