Electronic Components Datasheet Search
  English  ▼

X  

GS1670 Datasheet(PDF) 55 Page - Semtech Corporation

Part # GS1670
Description  HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1670 Datasheet(HTML) 55 Page - Semtech Corporation

Back Button GS1670 Datasheet HTML 51Page - Semtech Corporation GS1670 Datasheet HTML 52Page - Semtech Corporation GS1670 Datasheet HTML 53Page - Semtech Corporation GS1670 Datasheet HTML 54Page - Semtech Corporation GS1670 Datasheet HTML 55Page - Semtech Corporation GS1670 Datasheet HTML 56Page - Semtech Corporation GS1670 Datasheet HTML 57Page - Semtech Corporation GS1670 Datasheet HTML 58Page - Semtech Corporation GS1670 Datasheet HTML 59Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 126 page
background image
GS1670 HD/SD SDI Receiver
Data Sheet
53831 - 2
September 2012
55 of 126
For any DID or SDID value set to zero, no comparison or match is made. For example, if
the DID is programmed and the SDID is not programmed, the GS1670 only detects a
match to the DID value.
If both DID and SDID values are non-zero, then the received ancillary data type must
match both the DID and SDID before Y/1ANC and/or C/2ANC is set HIGH.
NOTE: SMPTE 352M Payload Identifier packets and Error Detection and Handling
(EDH) Packets are always detected by the GS1670, irrespective of the settings of the
ANC_TYPE registers.
4.16.2 SMPTE 352M Payload Identifier
The GS1670 automatically extracts the SMPTE 352M payload identifier present in the
input data stream for SD and HD. The four word payload identifier packets are written
to VIDEO_FORMAT_X_DS1 and VIDEO_FORMAT_X_DS2 bits accessible through the
host interface.
The device also indicates the version of the payload packet in the VERSION_352M bit of
the DATA_FORMAT_DSX register. When the SMPTE 352M packet is formatted as a
“version 1” packet, the VERSION_352M bit is set HIGH, when the packet is formatted as
a “version 2” packet, this bit is set LOW.
The VIDEO_FORMAT_352_A_X and VIDEO_FORMAT_352_B_X registers are only
updated if there are no checksum errors in the received SMPTE 352M packets.
By default (at power up or after system reset), the VIDEO_FORMAT_X_DS1 and
VIDEO_FORMAT_X_DS2 bits are set to 0, indicating an undefined format.
4.16.2.1 SMPTE 352M Payload Identifier Usage
The SMPTE 352M Payload Identifier is used to confirm the video format identified by the
Automatic Video Standards Detection block (see Section 4.16.4).
4.16.3 Ancillary Data Checksum Error
The GS1670 calculates checksums for all received ancillary data.
These calculated checksums are compared with the received ancillary data checksum
words.
If a mismatch in the calculated and received checksums is detected, then a checksum
error is indicated.
When operating in HD mode, the device makes comparisons on both the Y and C
channels separately. If an error condition in the Y channel is detected, the YCS_ERR bit
in the VIDEO_ERROR_STAT_X register is set HIGH. If an error condition in the C channel
is detected, the CCS_ERR bit in the VIDEO_ERROR_STAT_X register is set HIGH.
When operating in SD mode, only the YCS_ERR bit is set HIGH when checksum errors
are detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com