Electronic Components Datasheet Search
  English  ▼

X  

GS1670 Datasheet(PDF) 97 Page - Semtech Corporation

Part # GS1670
Description  HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1670 Datasheet(HTML) 97 Page - Semtech Corporation

Back Button GS1670 Datasheet HTML 93Page - Semtech Corporation GS1670 Datasheet HTML 94Page - Semtech Corporation GS1670 Datasheet HTML 95Page - Semtech Corporation GS1670 Datasheet HTML 96Page - Semtech Corporation GS1670 Datasheet HTML 97Page - Semtech Corporation GS1670 Datasheet HTML 98Page - Semtech Corporation GS1670 Datasheet HTML 99Page - Semtech Corporation GS1670 Datasheet HTML 100Page - Semtech Corporation GS1670 Datasheet HTML 101Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 126 page
background image
GS1670 HD/SD SDI Receiver
Data Sheet
53831 - 2
September 2012
97 of 126
42Ah
PRIM_AUD_
DELAY_7
RSVD
15-9
Reserved.
R/W
0
DEL3A_7
8-1
Primary Audio group delay data
for channel 3.
R0
EBIT3A
0
Primary Audio group delay data
valid flag for channel 3.
R0
42Bh
PRIM_AUD_
DELAY_8
RSVD
15-9
Reserved.
R/W
0
DEL3A_8
8-0
Primary Audio group delay data
for channel 3.
R0
42Ch
PRIM_AUD_
DELAY_9
RSVD
15-9
Reserved.
R/W
0
DEL3A_9
8-0
Primary Audio group delay data
for channel 3.
R0
42Dh
PRIM_AUD_
DELAY_10
RSVD
15-9
Reserved.
R/W
0
DEL4A_10
8-1
Primary Audio group delay data
for channel 4.
R0
EBIT4A
0
Primary Audio group delay data
valid flag for channel 4.
R0
42Eh
PRIM_AUD_
DELAY_11
RSVD
15-9
Reserved.
R/W
0
DEL4A_11
8-0
Primary Audio group delay data
for channel 4.
R0
42Fh
PRIM_AUD_
DELAY_12
RSVD
15-9
Reserved.
R/W
0
DEL4A_12
8-0
Primary Audio group delay data
for channel 4.
R0
430h
AFNB12
RSVD
15-9
Reserved.
R/W
0
AFN1_2B
8-0
Secondary group audio frame
number for channels 1 and 2.
R0
431h
AFNB34
RSVD
15-9
Reserved.
R/W
0
AFN3_4B
8-0
Secondary group audio frame
number for channels 3 and 4.
R0
432h
RATEB
RSVD
15-8
Reserved.
R
0
RATE3_4B
7-5
Secondary group sampling
frequency for channels 3 and 4.
R0
ASX3_4B
4
Secondary group asynchronous
mode for channels 3 and 4.
R0
RATE1_2B
3-1
Secondary group sampling
frequency for channels 1 and 2.
R0
ASX1_2B
0
Secondary group asynchronous
mode for channels 1 and 2.
R0
433h
ACT_B
RSVD
15-4
Reserved.
R/W
0
ACTB
3-0
Secondary group active channels.
R
0
Table 4-29:SD Audio Core Configuration and Status Registers (Continued)
Address
Register Name
Bit Name
Bit
Description
R/W
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com