Electronic Components Datasheet Search
  English  ▼

X  

PRDS5 Datasheet(PDF) 7 Page - ASM GmbH

Part # PRDS5
Description  Magnetic Angle Sensor with Incremental Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRDS5 Datasheet(HTML) 7 Page - ASM GmbH

Back Button PRDS5 Datasheet HTML 2Page - ASM GmbH PRDS5 Datasheet HTML 3Page - ASM GmbH PRDS5 Datasheet HTML 4Page - ASM GmbH PRDS5 Datasheet HTML 5Page - ASM GmbH PRDS5 Datasheet HTML 6Page - ASM GmbH PRDS5 Datasheet HTML 7Page - ASM GmbH PRDS5 Datasheet HTML 8Page - ASM GmbH PRDS5 Datasheet HTML 9Page - ASM GmbH PRDS5 Datasheet HTML 10Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HT24V(F)
M12A8 / M12R8
48
CAT-PR/PT-E-12
ASM
www.asm-sensor.com
HT24V(F)
Incremental
Interface
Excitation voltage
18 ... 36 V DC
Excitation current
100 mA max., depending on the load
Pulse frequency
<500 kHz
Output signals
A, A, B, B, Z, Z Push-Pull
Output current
50 mA max.
Stability (temperature)
±50 x 10-6 / °C f.s. (typ.)
Operating temperature
-40 ... +85 °C
Protection
Short circuit
EMC
EN61326-1:2006
POSIROT®
PRDS
OutputHT24V(F)
Output signals
Excitation +
Excitation GND
Signal A
Signal A
Signal B
Signal B
Signal Z (ref. pulse)
Signal Z
Signal wiring
Output signals
Connector pin
Cablecolor
Excitation +
1
white
GND
2
brown
A
4
yellow
A
6
pink
B
3
green
B
5
grey
Z
7
blue
Z
8
red
View to sensor
connector
Connection
HT24V:
unfiltered output
HT24VF:
filtered output
24 V-HTL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com