Electronic Components Datasheet Search
  English  ▼

X  

PRDS5 Datasheet(PDF) 8 Page - ASM GmbH

Part # PRDS5
Description  Magnetic Angle Sensor with Incremental Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRDS5 Datasheet(HTML) 8 Page - ASM GmbH

Back Button PRDS5 Datasheet HTML 2Page - ASM GmbH PRDS5 Datasheet HTML 3Page - ASM GmbH PRDS5 Datasheet HTML 4Page - ASM GmbH PRDS5 Datasheet HTML 5Page - ASM GmbH PRDS5 Datasheet HTML 6Page - ASM GmbH PRDS5 Datasheet HTML 7Page - ASM GmbH PRDS5 Datasheet HTML 8Page - ASM GmbH PRDS5 Datasheet HTML 9Page - ASM GmbH PRDS5 Datasheet HTML 10Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
J
J
K
K
Sensor /
sensor
Sensor /
sensor
13 [.512]
3,5 [.138]
5 [.197]
Markierung
/ marking
PRMAG20
J
J
K
K
6,6 [.260]
5,4 [.213]
Ø
2,7 [.106]
Markierung /
marking
Sensor /
sensor
Sensor /
sensor
PRMAG21
ASM
CAT-PR/PT-E-12
53
www.asm-sensor.com
Marking
Sensor
POSIROT®
Accessories
Position magnets
Dimensions in mm [inch]
Dimensions informative only
For guaranteed dimensions please consult factory
Sensor
Marking
Sensor
Sensor
Weight 3 g approx.,
moment of inertia 0.1 kgmm2
Weight 11 g approx.,
moment of inertia 1.2 kgmm2
A misalignment of the position magnet
has an effect on the linearity
A misalignment of the position magnet
has an effect on the linearity



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com